Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2748 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2748
Description  0.4-ohm, Low Voltage, Dual SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2748 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2748 Datasheet HTML 1Page - Vishay Siliconix DG2748 Datasheet HTML 2Page - Vishay Siliconix DG2748 Datasheet HTML 3Page - Vishay Siliconix DG2748 Datasheet HTML 4Page - Vishay Siliconix DG2748 Datasheet HTML 5Page - Vishay Siliconix DG2748 Datasheet HTML 6Page - Vishay Siliconix DG2748 Datasheet HTML 7Page - Vishay Siliconix DG2748 Datasheet HTML 8Page - Vishay Siliconix DG2748 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 69977
S09-0396-Rev. B, 09-Mar-09
Vishay Siliconix
DG2747, DG2748, DG2749
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 2.4 mW/°C above 70 °C.
TRUTH TABLE
Logic
DG2747
DG2748
DG2749
COM1 and NO1
COM2 and NO2
COM1 and NC1
COM2 and NC2
COM1 and NC1
COM2 and NO2
Low
OFF
OFF
ON
ON
ON
OFF
High
ON
ON
OFF
OFF
OFF
ON
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85°C
miniQFN-8L
DG2747DN-T1-E4
DG2748DN-T1-E4
DG2749DN-T1-E4
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Reference to GND
V+
- 0.3 to 5.0
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Current (Any terminal except NO, NC or COM)
30
mA
Continuous Current (NO, NC, or COM)
± 300
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 500
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
miniQFN-8Lc
190
mW


Similar Part No. - DG2748

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2748 VISHAY-DG2748 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2748 VISHAY-DG2748 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2748

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com