Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2788 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2788
Description  Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2788 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG2788_11 Datasheet HTML 2Page - Vishay Siliconix DG2788_11 Datasheet HTML 3Page - Vishay Siliconix DG2788_11 Datasheet HTML 4Page - Vishay Siliconix DG2788_11 Datasheet HTML 5Page - Vishay Siliconix DG2788_11 Datasheet HTML 6Page - Vishay Siliconix DG2788_11 Datasheet HTML 7Page - Vishay Siliconix DG2788_11 Datasheet HTML 8Page - Vishay Siliconix DG2788_11 Datasheet HTML 9Page - Vishay Siliconix DG2788_11 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73863
S11-0303-Rev. E, 28-Feb-11
Vishay Siliconix
DG2788, DG2789
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage vs. Analog Voltage
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
- 600
- 400
- 200
0
200
400
600
800
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VCOM, VNO, VNC - Analog Voltage (V)
V+ = 3.3 V
ICOM(off)
ICOM(on)
INO(off), IINC(off)
- 120
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100k
1M
10M
100M
1G
Frequency (Hz)
V+ = 3 V
R = 50
Ω
L
XTALK
OIRR
LOSS
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
Temperature (°C)
0
10
20
30
40
50
60
70
80
- 40
- 20
0
20
40
60
80
tON V+ = 1.8 V
tON V+ = 3.0 V
tON V+ = 3.3 V
t OFF V+ = 1.8 V
t OFF V+ = 3.3 V
t OFF V+ = 3.0 V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ - Supply Voltage (V)
Charge Injection vs. Analog Voltage
- 120
- 80
- 40
0
40
80
120
160
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCOM - Analog Voltage (V)
V+ = 1.8 V
V+ = 3 V
V+ = 4.3 V


Similar Part No. - DG2788_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
   Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 12-Sep-16
DG2788A VISHAY-DG2788A Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
DG2788ADN-T1-GE4 VISHAY-DG2788ADN-T1-GE4 Datasheet
184Kb / 10P
   Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 12-Sep-16
DG2788ADN-T1-GE4 VISHAY-DG2788ADN-T1-GE4 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2788_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Rev. F, 07-Nov-05
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
   Low On Resistance, Quad SPDT Analog Switch
logo
Vishay Siliconix
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com