Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2789 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2789
Description  Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2789 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2789 Datasheet HTML 1Page - Vishay Siliconix DG2789 Datasheet HTML 2Page - Vishay Siliconix DG2789 Datasheet HTML 3Page - Vishay Siliconix DG2789 Datasheet HTML 4Page - Vishay Siliconix DG2789 Datasheet HTML 5Page - Vishay Siliconix DG2789 Datasheet HTML 6Page - Vishay Siliconix DG2789 Datasheet HTML 7Page - Vishay Siliconix DG2789 Datasheet HTML 8Page - Vishay Siliconix DG2789 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG2788, DG2789
Document Number: 73863
S11-0303-Rev. E, 28-Feb-11
www.vishay.com
1
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT
Analog Switch
FEATURES
Low voltage operation (1.65 V to 4.3 V)
Low on-resistance - RON: 0.4  typ. at 2.7 V
Fast switching: tON = 47 ns
tOFF = 15 ns
miniQFN-16 package
Latch-up current > 300 mA (JESD78)
BENEFITS
Reduced power consumption
High accuracy
Reduce board space
TTL/1.8 V logic compatible
High bandwidth
APPLICATIONS
Cellular phones
Speaker headset switching
Audio and video signal routing
PCMCIA cards
Battery operated systems
DESCRIPTION
The DG2788, DG2789 are monolithic CMOS analog
switching products designed for high performance switching
of analog signals. Combining low power, high speed, low
on-resistance and small physical size, the DG2788, DG2789
are ideal for portable and battery powered applications
requiring high performance and efficient use of board space.
The DG2788, DG2789 are built on Vishay Siliconix’s low
voltage process. An epitaxial layer prevents latchup. Break-
before-make is guaranteed.
The switch conducts equally well in both directions when on,
and blocks up to the power supply level when off. The
DG2788 is configured as a dual Double Pole Double Throw
switches while the DG2789 is configured as a Quad Single
Pole Double Throw. The DG2789 has one control pin for all
four SPDT switches and also has an enable pin that can turn
all switches off.
The DG2788 and DG2789 comes in a small miniQFN-16
lead package (2.6 x 1.8 x 0.75 mm).
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations and is 100 %
RoHS compliant.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
4
6
5
1
2
3
NC1
IN1, IN2
NO2
COM2
COM4
NO4
IN3, IN4
NC3
NC2 GND NO3 COM3
Top View
COM1 NO1 V+ NC4
DG2788
miniQFN-16
16
15
14
13
12
11
10
9
8
4
6
5
1
2
3
NC1
IN1
NO2
COM2
COM4
NO4
EN
NC3
NC2 GND NO3 COM3
Top View
COM1 NO1 V+ NC4
DG2789
miniQFN-16
7
Device Marking: Axx for DG2788
Bxx for DG2789
xx = Date/Lot Traceability Code
Note: Pin 1 has long lead
Axx
Pin 1
TRUTH TABLE (DG2788)
Logic
NC1, 2, 3 and 4
NO1, 2, 3 and 4
0ON
OFF
1OFF
ON
TRUTH TABLE (DG2789)
EN Logic
IN Logic
NC1, 2, 3 and 4 NO1, 2, 3 and 4
00
ON
OFF
01
OFF
ON
1x
OFF
OFF
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
miniQFN-16
DG2788DN-T1-E4
DG2789DN-T1-E4


Similar Part No. - DG2789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2789 VISHAY-DG2789 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Rev. F, 07-Nov-05
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
   Low On Resistance, Quad SPDT Analog Switch
logo
Vishay Siliconix
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com