Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89052TA-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC89052TA-E
Description  Digital Audio Interface Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89052TA-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC89052TA-E Datasheet HTML 3Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 4Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 5Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 6Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 7Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 8Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 9Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 10Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LC89052TA-E
No.7457-7/42
7.5 AC Characteristics
Table 7.5 AC Characteristics at Ta = -30 to 70°C, AVDD = DVDD = 3.0 to 3.6V, AGND = DGND = 0V
Parameter
Symbol
Conditions
min
typ
max
unit
RXIN sampling frequency
fFS1
7-5-1
30
195
kHz
RXIN sampling frequency
fFS2
7-5-2
30
108
kHz
XIN clock frequency
fXF1
7-5-3
11.2896
MHz
XIN clock frequency
fXF2
7-5-4
12.2880
MHz
XIN clock frequency
fXF3
7-5-5
16.9344
MHz
XIN clock frequency
fXF4
7-5-6
22.5792
MHz
XIN clock frequency
fXF5
7-5-7
24.5760
MHz
XIN clock frequency
fXF6
7-5-8
33.8688
MHz
CKOUT clock frequency
fMCK
2
100
MHz
CKOUT clock jitter
tj
200
ps
CKOUT to BCK delay
tMBO
10
ns
BCK to DATAO delay
tBDO
5ns
____
UGPI low-level pulse width
tCKT
7-5-9
100
ms
7-5-1 : PLLCK [1:0] = "00"
7-5-2 : Settings other than PLLCK [1:0] = "00".
7-5-3 : XISEL [3:0] = "0000"
7-5-4 : XISEL [3:0] = "0001"
7-5-5 : XISEL [3:0] = "0010"
7-5-6 : XISEL [3:0] = "0100"
7-5-7 : XISEL [3:0] = "0101"
7-5-8 : XISEL [3:0] = "0110"
7-5-9 : When signal output is set during a transitional period of clock switching.
Figure 7.1 AC Characteristics
BCK
DATAO
LRCK
tBDO
CKOUT
tMBO
tCKT
UGPI


Similar Part No. - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
More results

Similar Description - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com