Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89052TA-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC89052TA-E
Description  Digital Audio Interface Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89052TA-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC89052TA-E Datasheet HTML 1Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 2Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 3Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 4Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 5Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 6Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 7Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 8Page - Sanyo Semicon Device LC89052TA-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LC89052TA-E
No.7457-3/42
5. Pin Description
Table 5.1 Pin Functions
Pin No.
Name
I/O
Function
1
XOUT
O
Oscillation amplifier circuit output pin
2
ERROR
O
PLL lock error and data error output pin
3
___
PD
I5
System reset and low-power mode control input pin
4
NC
Non connection
5
CE
I5
Microcontroller interface: chip enable input pin
6
CL
I5
Microcontroller interface: serial clock input pin
7
DI
I5
Microcontroller interface: write data input pin
8
DO
O
Microcontroller interface: read data output pin
9
E / INT
O
Pre-emphasis detection or microcontroller interface interrupt output pin
10
______
AUDIO
O
Channel status bit 1 non-PCM data detection output pin
11
_____
UGPI
O
User settable output pin
*
12
RXIN
I5
Digital data input pin
13
DVDD
Digital power supply pin
14
AVDD
Analog power supply pin
15
LPF
O
PLL loop filter pin
16
NC
Non connection
17
AGND
Analog GND pin
18
DGND
Digital GND pin
19
CKOUT
O
System clock output pin
**
20
BCK
O
64fs clock output pin
21
LRCK
O
Fs clock output pin
***
22
DATAO
O
Demodulated data output pin
23
SDIN
I5
Serial digital data input pin
24
XIN
I
Oscillator or external clock input pin
*
: Microcontroller register output or clock switching transition period signal.
**
: 128fs, 256fs, 384fs, 512fs, or oscillator amplifier outputs.
***
: Other than I
2S mode ; Low: right channel, High: left channel.
I
2S mode ; Low: left channel, High: right channel.
1) I/O voltage handling :
I or O pins : –0.3 to +3.6V,
I5 pins : –0.3 to +5.5V
2) To prevent logic circuit latch-up, all power supply must be applied or removed simultaneously.


Similar Part No. - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
More results

Similar Description - LC89052TA-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com