Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3001DB-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG3001DB-T1
Description  Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3001DB-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG3001DB-T1 Datasheet HTML 1Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 2Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 3Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 4Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 5Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 6Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 7Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 8Page - Vishay Siliconix DG3001DB-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
012345
VCOM - Analog Voltage (V)
V+ = 1.8 V
V+ = 2 V
V+ = 5 V
T = 25 °C
IS = 10 mA
V+ = 2.7 V
V+ = 3 V
V+ = 3.3 V
- 60
- 40
- 20
0
20
40
60
80
100
10 000
1000
1
Temperature (°C)
10
V+ = 5 V
VIN = 0 V
100
- 60
- 40
- 20
0
20
40
60
80
100
10
1000
Temperature (°C)
V+ = 5 V
100
INO(off), INC(off)
ICOM(off)
ICOM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0.00
0.20
0.40
0.60
0.80
1.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
85 °C
-40 °C
25 °C
V+ = 3 V
IS = 10 mA
Input Switching Frequency (Hz)
10
10 K
100 K
10 M
100
1 K
1 M
100 mA
1 mA
100 µA
10 µA
1 µA
100 nA
1 nA
10 nA
10 mA
V+ = 5 V
012345
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
VCOM, VNO, VNC - Analog Voltage (V)
V+ = 5 V
INO(off), INC(off)
ICOM(off)
ICOM(on)


Similar Part No. - DG3001DB-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3001DB-T1 VISHAY-DG3001DB-T1 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG3001DB-T1 VISHAY-DG3001DB-T1 Datasheet
257Kb / 13P
   Low-Voltage Sub-廓 SPST/SPDT MICRO FOOT짰 Analog Switch
02-Oct-12
DG3001DB-T1-E1 VISHAY-DG3001DB-T1-E1 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG3001DB-T1-E1 VISHAY-DG3001DB-T1-E1 Datasheet
257Kb / 13P
   Low-Voltage Sub-廓 SPST/SPDT MICRO FOOT짰 Analog Switch
02-Oct-12
More results

Similar Description - DG3001DB-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. A, 27-Oct-03
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
   Low-Voltage Single SPDT MICRO FOOT Analog Switch
Rev. C, 26-Aug-02
DG3001 VISHAY-DG3001_V01 Datasheet
257Kb / 13P
   Low-Voltage Sub-廓 SPST/SPDT MICRO FOOT짰 Analog Switch
02-Oct-12
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
   Low-Voltage Single SPDT MICRO FOOT®Analog Switch
Rev. F, 30-Apr-07
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2711 VISHAY-DG2711_V01 Datasheet
105Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
01-Jan-2022
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com