Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863248C Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC863248C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863248C Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863248C Datasheet HTML 5Page - Sanyo Semicon Device LC863248C Datasheet HTML 6Page - Sanyo Semicon Device LC863248C Datasheet HTML 7Page - Sanyo Semicon Device LC863248C Datasheet HTML 8Page - Sanyo Semicon Device LC863248C Datasheet HTML 9Page - Sanyo Semicon Device LC863248C Datasheet HTML 10Page - Sanyo Semicon Device LC863248C Datasheet HTML 11Page - Sanyo Semicon Device LC863248C Datasheet HTML 12Page - Sanyo Semicon Device LC863248C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC863264C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0115-9/21
Continued from preceding page.
Terminal
I/O
Function Description
Option
Port 7
•4-bit input/output port
Input or output can be specified for each bit
•Other functions
P70
P71
P72
P73
INT0 input/HOLD release input/
Nch-Tr. output for watchdog timer
INT1 input/HOLD release input
INT2 input/Timer 0 event input
INT3 input (noise rejection filter connected)/
Timer 0 event input
Interrupt receiver format, vector addresses
Rising
Falling
Rising/
Falling
H level
L level
Vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable
disable
13H
INT3
enable
enable
enable
disable
disable
1BH
P70
P71 to P73
I/O
Port 8
P84 to P87
I/O
•4-bit input/output port
Input or output can be specified for each bit
•Other function
AD converter input port (4 lines)
NC
-
Unused terminal
Leave open
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in
port 1.
Port status in reset
Terminal
I/O
Pull-up resistor status at selecting pull-up option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF


Similar Part No. - LC863248C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863248 SANYO-LC863248 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
LC863248A SANYO-LC863248A Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC863248C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com