Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3535 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG3535
Description  0.25ohm Low-Voltage Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3535 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG3535_11 Datasheet HTML 1Page - Vishay Siliconix DG3535_11 Datasheet HTML 2Page - Vishay Siliconix DG3535_11 Datasheet HTML 3Page - Vishay Siliconix DG3535_11 Datasheet HTML 4Page - Vishay Siliconix DG3535_11 Datasheet HTML 5Page - Vishay Siliconix DG3535_11 Datasheet HTML 6Page - Vishay Siliconix DG3535_11 Datasheet HTML 7Page - Vishay Siliconix DG3535_11 Datasheet HTML 8Page - Vishay Siliconix DG3535_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 72961
S11-0303-Rev. G, 28-Feb-11
Vishay Siliconix
DG3535, DG3536
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
0.9 x VOUT
tr <
<
5 ns
tf
5 ns
VINH
VINL
V
OUT
V
COM
R
L
R
L
R
ON
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
90 %
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300
VINL
VINH
tr < 5 ns
tf < 5 ns
tD
Figure 3. Charge Injection
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 - V+
IN
GND
V+
V+
+
NC or NO
Off
On
On
IN
VOUT
VOUT
Q =
VOUT x CL
IN depends on switch configuration: input polarity
determined by sense of switch.


Similar Part No. - DG3535_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3535DB VISHAY-DG3535DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
DG3535DB-T1-E1 VISHAY-DG3535DB-T1-E1 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3535DB-T1-E1 VISHAY-DG3535DB-T1-E1 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG3535DB-T5-E1 VISHAY-DG3535DB-T5-E1 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3535DB-T5-E1 VISHAY-DG3535DB-T5-E1 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
More results

Similar Description - DG3535_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6232 AOSMD-AOZ6232 Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com