Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3535 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG3535
Description  0.25ohm Low-Voltage Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3535 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG3535 Datasheet HTML 1Page - Vishay Siliconix DG3535 Datasheet HTML 2Page - Vishay Siliconix DG3535 Datasheet HTML 3Page - Vishay Siliconix DG3535 Datasheet HTML 4Page - Vishay Siliconix DG3535 Datasheet HTML 5Page - Vishay Siliconix DG3535 Datasheet HTML 6Page - Vishay Siliconix DG3535 Datasheet HTML 7Page - Vishay Siliconix DG3535 Datasheet HTML 8Page - Vishay Siliconix DG3535 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 72961
S11-0303-Rev. G, 28-Feb-11
www.vishay.com
5
Vishay Siliconix
DG3535, DG3536
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
100
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 3 V
tOFF V+ = 3 V
Temperature (°C)
tON V+ = 2 V
tOFF V+ = 2 V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
123
456
V+ - Supply Voltage (V)
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
100 K
-90
10 M
10
-70
-50
100 M
1 G
1 M
Frequency (Hz)
-30
-10
OIRR
XTALK
V+ = 3.0 V
RL = 50 
Loss
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 3.0 V
V+ = 2.0 V


Similar Part No. - DG3535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3535 VISHAY-DG3535 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG3535 VISHAY-DG3535 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
DG3535DB VISHAY-DG3535DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
DG3535DB-T1-E1 VISHAY-DG3535DB-T1-E1 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
More results

Similar Description - DG3535

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6232 AOSMD-AOZ6232 Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com