Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877680B Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC877680B
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877680B Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC877680B Datasheet HTML 1Page - Sanyo Semicon Device LC877680B Datasheet HTML 2Page - Sanyo Semicon Device LC877680B Datasheet HTML 3Page - Sanyo Semicon Device LC877680B Datasheet HTML 4Page - Sanyo Semicon Device LC877680B Datasheet HTML 5Page - Sanyo Semicon Device LC877680B Datasheet HTML 6Page - Sanyo Semicon Device LC877680B Datasheet HTML 7Page - Sanyo Semicon Device LC877680B Datasheet HTML 8Page - Sanyo Semicon Device LC877680B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LC877696B/80B/64B/48B
No.A0965-4/25
Interrupts Source Flags
• 23 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/remote control receiver
4
0001BH
H or L
INT3/base timer 0/base timer 1
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/MIC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (List of interrupt source flag function)
1) Shows a list of interrupt source flags that caused a branching to a particular vector address
Subroutine Stack Levels: 2048 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal): For system clock
• CF oscillation circuit: For system clock, with internal Rf and external Rd
• Crystal oscillation circuit: For low-speed system clock, with internal Rf and external Rd
• Multifrequency RC oscillation circuit (internal): For system clock
1) Adjustable in
±4% (typ) increments from the selected center frequency.
2) Measures the frequency of the source oscillation clock using the input signal from XT1 as the reference.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs,
and 76.8
μs (at a main clock rate of 10MHz).
System Clock Multiplier Function
• Allows the 2 or 3 times the clock frequency to be selected when the crystal oscillation output is used as the system
clock.


Similar Part No. - LC877680B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877680B SANYO-LC877680B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC877680B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com