Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877816A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC877816A
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877816A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC877816A_08 Datasheet HTML 7Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 8Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 9Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 10Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 11Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 12Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 13Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 14Page - Sanyo Semicon Device LC877816A_08 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC877816A/12A/08A
No.A0635-11/21
Allowable Operating Conditions at Ta = -30°C to +70°C, VSS1 = VSS2 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD
min
typ
max
unit
VDD(1)
0.37
μs≤tCYC≤200μs
3.0
3.6
VDD(2)
VDD1=VDD2=V2
Normal mode
0.75
μs≤tCYC≤200μs
2.4
3.6
VDD(3)
2.25
μs≤tCYC≤200μs
3.0
3.6
Operating
supply voltage
range
VDD(4)
VDD1=VDD2=V2
Power save mode
4.28
μs≤tCYC≤200μs
2.4
3.6
Supply
voltage range
in Hold mode
VHD
VDD1=VDD2=V2
Keep RAM and register data in
HOLD mode.
2.2
3.6
VIH(1)
• Ports 1
• P71 to P73
• Port 70
input/interrupt
Output disable
2.4 to 3.6
0.3VDD
+0.7
VDD
VIH(2)
• Ports 0, C
Output disable
2.4 to 3.6
0.3VDD
+0.7
VDD
VIH(3)
Port 70
Watchdog timer
Output disable
2.4 to 3.6
0.9VDD
VDD
Input high
voltage
VIH(4)
XT1, CF1, RES
2.4 to 3.6
0.75VDD
VDD
VIL(1)
• Ports 1
• P71 to P73
• Port 70
input/interrupt
Output disable
2.4 to 3.6
VSS
0.2VDD
VIL(2)
• Ports 0, C
Output disable
2.4 to 3.6
VSS
0.2VDD
VIL(3)
Port 70
Watchdog timer
Output disable
2.4 to 3.6
VSS
0.8VDD
-1.0
Input low
Voltage
VIL(4)
XT1, CF1, RES
2.4 to 3.6
VSS
0.25VDD
V
3.0 to 3.6
2.25
200
Operation
cycle time
tCYC
(Note 2-1)
Power save mode
2.4 to 3.6
4.28
200
μs
External
system clock
frequency
FEXCF(1)
CF1
• CF2 open
• System clock divider:1/1
• External clock DUTY=50 ± 5%
• Normal mode
2.4 to 3.6
0.1
4
MHz
FmCF
CF1, CF2
4MHz ceramic resonator
oscillation
See fig. 1
2.4 to 3.6
4
MHz
FmRC
RC oscillation
VDD=3.0V, Ta=25°C
2.4 to 3.6
300
500
700
kHz
Oscillation
frequency
range
(Note 2-2)
FsX’tal
XT1, XT2
32.768kHz crystal resonator
oscillation
See fig. 2
2.4 to 3.6
32.768
kHz
Note 2-1: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio 1/1 and 6/FmCF at a
division ratio of 1/2.
Note 2-2: See Table 1 and 2 for the oscillation constants.


Similar Part No. - LC877816A_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC877816A_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com