Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG4052AEQ-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG4052AEQ-T1-E3
Description  8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4052AEQ-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG4052AEQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG4052AEQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 69828
S10-1383-Rev. E, 21-Jun-10
www.vishay.com
5
Vishay Siliconix
DG4051A, DG4052A, DG4053A
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 5 V, VEE = 0 V
VIN(A, B, C and ENABLE) = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0505
V
On-Resistance
RON
IS = 1 mA, VD = 0 V, + 3.5 V
Room
Full
107
165
205
165
194
On-Resistance Match
R
ON
IS = 1 mA, VD = + 3.5 V
Room
Full
3.2
8
13
8
11
On-Resistance Flatness
RFLATNESS
IS = 1 mA, VD = 0 V, + 3 V
Room
Full
19
26
30
26
28
Switch Off
Leakage Current
IS(off)
V+ = + 5.5 V, V- = 0 V
VD = 1 V/4.5 V, VS = 4.5 V/1 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
nA
ID(off)
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Channel On
Leakage Current
ID(on)
V+ = + 5.5 V, V- = 0 V
VD = VS = 1 V/4.5 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Digital Control
Input Current, VIN Low
IL
VIN(A, B, C and ENABLE)
under test = 0.8 V
Full
0.01
- 11- 11
µA
Input Current, VIN High
IH
VIN(A, B, C and ENABLE)
under test = 2.0 V
Full
0.01
- 11- 11
Dynamic Characteristics
Transition Time
tTRANS
RL = 300 , CL = 35 pF
See Figure 1, 2, 3
Room
Full
38
121
143
121
134
ns
Enable Turn-On Time
tON
Room
Full
38
110
126
110
119
Enable Turn-Off Time
tOFF
Room
Full
38
103
118
103
111
Break-Before-Make
Time Delay
tD
Room
Full
11
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 1 nF
Full
0.5
pC
Off Isolatione
OIRR
RL = 50 , CL = 1 pF
f = 100 kHz
Room
< - 90
dB
Channel-to-Channel
Crosstalke
XTALK
Room
< - 90
Source Off Capacitancee
CS(off)
f = 1 MHz
DG4051A
Room
3
pF
DG4052A
Room
3
DG4053A
Room
4
Drain Off Capacitancee
CD(off)
f = 1 MHz
DG4051A
Room
13
DG4052A
Room
8
DG4053A
Room
5
Channel On
Capacitancee
CD(on)
f = 1 MHz
DG4051A
Room
18
DG4052A
Room
14
DG4053A
Room
11
Power Supplies
Power Supply Current
I+
VIN(A, B, C and ENABLE) = 0 V or 5 V
Room
Full
0.05
1
10
1
10
µA
Negative Supply Current
I-
Room
Full
- 0.05
- 1
- 10
- 1
- 10
Ground Current
IGND
Room
Full
- 0.05
- 1
- 10
- 1
- 10


Similar Part No. - DG4052AEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4052AEQ-T1-E3 VISHAY-DG4052AEQ-T1-E3 Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
More results

Similar Description - DG4052AEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. C, 01-Aug-11
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com