Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8784M4PB Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC8784M4PB
Description  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784M4PB Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC8784M4PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 9Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 10Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 11Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 12Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 13Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-10/29
Serial I/O Characteristics
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
1. SIO0 Serial I/O Characteristics (Note 4-1-1)
Specification
Parameter
Symbol
Pins/
Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(1)
2
Low level
pulse width
tSCKL(1)
1
tSCKH(1)
• See Fig. 2.
1
tSCKHA(1a)
• Continuous data
transmission/reception mode
• SIO2 is not in use simultaneous.
• See Fig. 2.
• (Note 4-1-2)
4
High level
pulse width
tSCKHA(1b)
SCK0(P12)
• Continuous data
transmission/reception mode
• SIO2 is in use simultaneous.
• See Fig. 2.
• (Note 4-1-2)
3.0 to 5.5
6
Frequency
tSCK(2)
4/3
tCYC
Low level
pulse width
tSCKL(2)
1/2
tSCKH(2)
• CMOS output selected.
• See Fig. 2.
1/2
tSCK
tSCKHA(2a)
• Continuous data
transmission/reception mode
• SIO2 is not in use simultaneous.
• CMOS output selected.
• See Fig. 2.
tSCKH(2)
+2tCYC
tSCKH(2)
+(10/3)tCYC
High level
pulse width
tSCKHA(2b)
SCK0(P12)
• Continuous data
transmission/reception mode
• SIO2 is in use simultaneous.
• CMOS output selected.
• See Fig. 2.
3.0 to 5.5
tSCKH(2)
+2tCYC
tSCKH(2)
+(16/3)tCYC
tCYC
Data setup time
tsDI(1)
0.03
Data hold time
thDI(1)
SI0(P11),
SB0(P11)
• Must be specified with respect to
rising edge of SIOCLK
• See fig. 2.
3.0 to 5.5
0.03
tdD0(1)
• Continuous data
transmission/reception mode
• (Note 4-1-3)
(1/3)tCYC
+0.05
tdD0(2)
• Synchronous 8-bit mode.
• (Note 4-1-3)
1tCYC
+0.05
Output
delay time
tdD0(3)
SI0(P11),
SB0(P11)
• (Note 4-1-3)
3.0 to 5.5
(1/3)tCYC
+0.05
μs
Note 4-1-1: These specifications are theoretical values. Add margin depending on its use.
Note 4-1-2: To use serial-clock-input in continuous trans/rec mode, a time from SI0RUN being set when serial clock is
"H" to the first negative edge of the serial clock must be longer than tSCKHA.
Note 4-1-3: Must be specified with respect to falling edge of SIOCLK. Must be specified as the time to the beginning of
output state change in open drain output mode. See Fig. 2.


Similar Part No. - LC8784M4PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC8784M4PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com