Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24C082M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE24C082M
Description  Two Wire Serial Interface EEPROM (8k EEPROM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24C082M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE24C082M Datasheet HTML 1Page - Sanyo Semicon Device LE24C082M Datasheet HTML 2Page - Sanyo Semicon Device LE24C082M Datasheet HTML 3Page - Sanyo Semicon Device LE24C082M Datasheet HTML 4Page - Sanyo Semicon Device LE24C082M Datasheet HTML 5Page - Sanyo Semicon Device LE24C082M Datasheet HTML 6Page - Sanyo Semicon Device LE24C082M Datasheet HTML 7Page - Sanyo Semicon Device LE24C082M Datasheet HTML 8Page - Sanyo Semicon Device LE24C082M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LE24C082M
No.0684-3/11
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
-0.5 to +6.5
V
DC input voltage
-0.5 to +5.5
V
Over-shoot voltage
Below 20ns
-1.0 to +6.5
V
Storage temperature
Tstg
-65 to +150
°C
Note: If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Operating Conditions
Parameter
Symbol
Conditions
Ratings
Unit
Operating supply voltage
2.7 to 5.5
V
Operating temperature
-40 to +85
°C
DC Electrical Characteristics
VDD=2.7V to 5.5V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current at reading
ICC1
f=400kHz
0.5
mA
Supply current at writing
ICC2
f=400kHz, tWC=10ms
3
mA
Standby current
ISB
VIN=VDD or GND
2
μA
Input leakage current
ILI
VIN=GND to VDD
-2.0
+2.0
μA
Output leakage current (SDA)
ILO
VOUT=GND to VDD
-2.0
+2.0
μA
Input low voltage
VIL
VDD*0.2
V
Input low voltage (CMOS)
VILC
0.2
V
Input high voltage
VIH
VDD*0.8
V
Input high voltage (CMOS)
VIHC
VDD-0.2
V
IOL=0.2mA
0.2
V
Output low voltage
VOL
IOL=1.0mA
0.4
V
Capacitance/Ta=25
°C, f=1MHz
Parameter
Symbol
Conditions
max
Unit
In/Output pin capacitance
CI/O
VI/O=0V (SDA)
10
pF
Input pin capacitance
CI
VIN=0V (other than SDA)
10
pF
Note: This parameter is sampled and not 100% tested.
AC Electric Characteristics
Input pulse level
0.1
×VDD to 0.9×VDD
Input pulse rise / fall time
20ns
Output detection voltage
0.5
×VDD
Output load
50pF+Pull up resistor 3.0k
Ω
Output Load Circuit
R=3.0k
Ω
SDA
VDD
C=50pF


Similar Part No. - LE24C082M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C0221M SANYO-LE24C0221M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C0221M SANYO-LE24C0221M_10 Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
LE24C023M SANYO-LE24C023M Datasheet
129Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
More results

Similar Description - LE24C082M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24008ASAS0G RENESAS-R1EX24008ASAS0G Datasheet
498Kb / 18P
   Two-wire serial interface 8k EEPROM
logo
Sanyo Semicon Device
LE24L082 SANYO-LE24L082 Datasheet
195Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (8k EEPROM)
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24C023M SANYO-LE24C023M_10 Datasheet
129Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C043 SANYO-LE24C043_10 Datasheet
172Kb / 12P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com