Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24C0221M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE24C0221M
Description  Two Wire Serial Interface EEPROM (2k EEPROM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24C0221M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE24C0221M_10 Datasheet HTML 3Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 4Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 5Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 6Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 7Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 8Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 9Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 10Page - Sanyo Semicon Device LE24C0221M_10 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LE24C0221M
No.0924-7/11
6 EEPROM write operation
6-1. Byte writing
When the EEPROM receives the 7-bit device address and write command code “0” after the start condition, it
generates an acknowledge signal. After this, if it receives the 8-bit word address, generates an acknowledge signal,
receives the 8-bit write data, generates an acknowledge signal and then receives the stop condition, the internal write
operation of the EEPROM in the designated memory address will start. Rewriting is completed in the tWC period
after the stop condition. During an EEPROM internal write operation, no input is accepted and no acknowledge
signals are generated.
6-2. Page writing
This product enables pages with up to 16 bytes to be written. The basic data transfer procedure is the same as for byte
writing: Following the start condition, the 7-bit device address and write command code “0,” word address (n), and
data (n) are input in this order while confirming acknowledge “0” every 9 bits. The page write mode is established if,
after data (n) is input, the write data (n+1) is input without inputting the stop condition. After this, the write data
equivalent to the largest page size can be received by a continuous process of repeating the receiving of the 8-bit
write data and generating the acknowledge signals.
At the point when the write data (n+1) has been input, the lower 4 bits (A0-A3) of the word addresses are
automatically incremented to form the (n+1) address. In this way, the write data can be successively input, and the
word address on the page is incremented each time the write data is input. If the write data exceeds 16 bytes or the
last address of the page is exceeded, the word address on the page is rolled over. Write data will be input into the
same address two or more times, but in such cases the write data that was input last will take effect. Finally, the
EEPROM internal write operation corresponding to the page size for which the write data is received starts from the
designated memory address when the stop condition is received.
6-3. Acknowledge polling
Acknowledge polling is used to find out when the EEPROM internal write operation is completed. When the stop
condition is received and the EEPROM starts rewriting, all operations are prohibited, and no response can be given to
the signals sent by the master device. Therefore, in order to find out when the EEPROM internal write operation is
completed, the start condition, device address and write command code are sent from the master device to the
EEPROM (slave device), and the response of the slave device is detected.
In other words, if the slave device does not send the acknowledge signal, it means that the internal write operation is
in progress; conversely, if it does send the acknowledge signal, it means that the internal write operation has been
completed.
Word Address
0
1
0
S1
1
W
ACK
ACK
ACK
SDA
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Data
R/W
S2
S0
SDA
Memory Address(n)
0
1
0
1
W
ACK
ACK
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Data(n)
ACK
D7 D6 - D1 D0
ACK
• • • • •
Data(n+1)
R/W
S1
S2
S0
ACK
D7 D6 - D1 D0
D7 D6 - D1 D0
D7 D6 - D1 D0
D7 D6 - D1 D0
ACK
ACK
• • • • •
Data(n+x)
0
1
0
1
W
NO ACK
SDA
• • • • •
0
10
1
NO ACK
0
1
0
1
ACK
R/W
S1
S2
S0
S1
S2
S0
S1
S2
S0
WW
R/W
R/W
During Write
End of Write
During Write


Similar Part No. - LE24C0221M_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
More results

Similar Description - LE24C0221M_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
LE24C023M SANYO-LE24C023M_10 Datasheet
129Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24L0221 SANYO-LE24L0221 Datasheet
148Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24CBP222 SANYO-LE24CBP222 Datasheet
186Kb / 20P
   Two Wire Serial Interface (2K2K EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
Sanyo Semicon Device
LE24CBK222 SANYO-LE24CBK222 Datasheet
187Kb / 20P
   Triple port EEPROM Two Wire Serial Interface (2K2K EEPROM)
LE24CBK23MC SANYO-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface(2K2K EEPROM)
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0I RENESAS-R1EV24002ASAS0I Datasheet
404Kb / 17P
   Two-wire serial interface 2k EEPROM Power dissipation
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G Datasheet
505Kb / 18P
   Two-wire serial interface 2k EEPROM Clock frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com