Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9253EN-T1-E4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9253EN-T1-E4
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9253EN-T1-E4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9253EN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
DG9251, DG9252, DG9253
Document Number: 67075
S11-1550-Rev. C, 01-Aug-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
DESCRIPTION
The DG9251, DG9252, and DG9253 are high precision
single and dual supply CMOS analog multiplexers. DG9251
is an 8-channel multiplexer, the DG9252 is a dual 4-channel
multiplexer, and the DG9253 is a triple 2-channel multiplexer
or triple SPDT.
Designed to operate from a + 2.7 V to + 16 V single supply
or from a ± 2.7 V to ± 5 V dual supplies, the DG9251,
DG9252, and DG9253 are fully specified at + 16 V, + 5 V and
± 5 V. All control logic inputs have guaranteed 1.4 V high limit
when operating from + 5 V or ± 5 V supplies and 1.65 V when
operating from a + 16 V supply.
The
DG9251,
DG9252,
and
DG9253
are
precision
multiplexers of low leakage, low charge injection, and
lowparasitic capacitance. They conduct equally well in
bothdirections, offer rail to rail analog signal handling and
can
beused
both
as
multiplexers
as
well
as
de-multiplexers.The
DG9251,
DG9252,
and
DG9253
operating temperature is specified from - 40 °C to + 85 °C
and are available in ultra compact 1.8 mm x 2.6 mm
miniQFN16 packages.
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
+ 2.7 V to + 16 V single supply operation
± 2.7 V to ± 5 V dual supply operation
Fully specified at + 16 V, + 5 V, ± 5 V
Low charge injection (< 4.1 pC typ.)
High bandwidth: 314 MHz (DG9251)
449 MHz (DG9252)
480 MHz (DG9253)
Low switch capacitance (Cs(off) 2.7 pF typ.)
Good isolation and crosstalk performance
(typ. - 45 dB at 100 MHz)
MiniQFN16 package (1.8 mm x 2.6 mm)
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Data acquisition
Medical and healthcare devices
Control and automation equipments
Test instruments
Touch panels
Consumer
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Pin 1
Device Marking: 8xx for DG9251
(miniQFN16)
Hxx for DG9252
Jxx for DG9253
xx = Date/Lot Traceability Code
Yxx
X
X7
X5
X0
A
X3
1
2
3
4
7
8
9
10
11
12
5
8
7
6
13
14
X4
16
VEE
X2
C
X6
ENABLE
B
X1
GND
VCC
Top View
DG9251
mQFN-16
Top View
DG9252
mQFN-16
Logic
Y
Y3
Y1
X
X3
X0
1
2
3
4
8
9
10
11
12
5
8
6
13
14
Y0
16
VEE
X2
B
Y2
ENABLE
A
X1
GND
Logic
15
15
7
VCC
Z1
Z
Z0
1
2
3
4
7
8
9
10
11
12
5
8
7
6
13
14
15
16
Y
Y1
Y0
GND
Top View
DG9253
mQFN-16
VCC
ENABLE
VEE
A
B
C
X1
X
X0


Similar Part No. - DG9253EN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253EN-T1-E4 VISHAY-DG9253EN-T1-E4 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
More results

Similar Description - DG9253EN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com