Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9262DY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9262DY-T1-E3
Description  Low-Voltage Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262DY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9262DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9262DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70862
S11-1229–Rev. D, 20-Jun-11
Vishay Siliconix
DG9262, DG9263
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6.5 mW/°C above 75 °C.
Notes:
a. Room = 25 °C, full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Difference of min and max values.
g. Guraranteed by 5 V leakage testing, not production tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 13
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any Terminal)
± 20
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 40
ESD (Method 3015.7)
> 2000
V
Storage Temperature (D Suffix)
- 65 to 125
°C
Power Dissipation (Packages)b
8-Pin Narrow Body SOICc
400
mW
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ± 10 %, VIN = 0.8 V or 2.4 V
e
Temp.a
D Suffix
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
3
V
Drain-Source On-Resistance
RDS(on)
VNO or VNC = 1.5 V, V+ = 2.7 V
ICOM = 5 mA
Room
Full
50
80
140
RDS(on)Match
d
RDS(on)
VNO or VNC = 1.5 V
Room
0.4
2
RDS(on) Flatness
d
RDS(on)
Flatness
VNO or VNC = 1 and 2 V
Room
4
8
NO or NC Off Leakage
Currentg
INO/NC(off)
VNO or VNC = 1 V/2 V, VCOM = 2 V/1 V
Room
Full
- 100
- 5000
5
100
5000
pA
COM Off Leakage Currentg
ICOM(off)
VCOM = 1 V/2 V, VNO or VNC = 2 V/1 V
Room
Full
- 100
- 5000
5
100
5000
Channel-On Leakage Currentg
ICOM(on)
VCOM = VNO or VNC = 1 V/2 V
Room
Full
- 200
- 10 000
10
200
10 000
Digital Control
Input Current
IINL or IINH
Full
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V
Room
Full
50
120
200
ns
Turn-Off Time
tOFF
Room
Full
20
50
120
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
1
5
pC
Off-Isolation
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 74
dB
Crosstalk
XTALK
Room
- 90
NC and NO Capacitance
C(off)
f = 1 MHz
Room
7
pF
Channel-On Capacitance
CCOM(on)
Room
20
COM-Off Capacitance
CCOM(off)
Room
13
Power Supply
Power Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 3.3 V, VIN = 0 V or 3.3 V
1µA


Similar Part No. - DG9262DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262DY-T1-E3 VISHAY-DG9262DY-T1-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DY-T1-E3 VISHAY-DG9262DY-T1-E3 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9262DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com