Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9408DN-T1-E4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9408DN-T1-E4
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9408DN-T1-E4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9408DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 71870
S11-1229-Rev. C, 20-Jun-11
Vishay Siliconix
DG9408, DG9409
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (Dual Supply V+ = 5 V, V- = - 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = - 5 V, ± 10 %
VA, VEN = 0.8 V or 2 V
f
Temp.b
Limits
- 40 °C to 85 °C
Unit
Min.c
Typ.d
Max.c
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 5
5
V
On-Resistance
RON
V+ = 4.5 V, V- = - 4.5 V, VD = ± 3.5 V, IS = 50 mA
sequence each switch on
Room
Full
58
8.5
RON Match Between Channels
g
RON
V+ = 4.5 V, V- = - 4.5 V, VD = ± 3.5 V, IS = 50 mA
Room
3.6
On-Resistance Flatnessi
RON
Flatness
Room
8.2
Switch Off Leakage Currenta
IS(off)
V+ = 5.5 , V- = - 5.5 V
VEN = 2.4 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 2
- 15
2
15
nA
ID(off)
Room
Full
- 2
- 15
2
15
Channel On Leakage Currenta
ID(on)
V+ = 5.5 V, V- = - 5.5 V
VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 2
- 15
2
15
Digital Control
Logic High Input Voltage
VINH
Full
2
V
Logic Low Input Voltage
VINL
Full
0.8
Input Currenta
IIN
VAX = VEN = 2 V or 0.8 V
Full
- 1
1
µA
Dynamic Characteristics
Transition Timee
tTRANS
VS1 = 3.5 V, VS8 = - 3.5 V, (DG9408)
VS1b = 3.5 V, VS4b = - 3.5 V, (DG9409)
see fig. 2
Room
Full
68
89
94
ns
Break-Before-Make Timee
tBBM
VS(all) = VDA = 3.5 V
see fig. 4
Room
Full
116
Enable Turn-On Timee
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG9408)
VAX = 0 V, VS1b = 3.5 V (DG9409)
see fig. 3
Room
Full
68
88
94
Enable Turn-Off Timee
tOFF(EN)
Room
Full
58
78
81
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 2 V
DG9408
Room
23
pF
DG9409
Room
23
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 2 V
DG9408
Room
223
DG9409
Room
113
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
DG9408
Room
246
DG9409
Room
137
Power Supplies
Power Supply Current
I+
VEN = VA = 0 V or V+
Room
1
µA
I-
Room
- 1


Similar Part No. - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results

Similar Description - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com