Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9426 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG9426
Description  Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9426 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG9426 Datasheet HTML 1Page - Vishay Siliconix DG9426 Datasheet HTML 2Page - Vishay Siliconix DG9426 Datasheet HTML 3Page - Vishay Siliconix DG9426 Datasheet HTML 4Page - Vishay Siliconix DG9426 Datasheet HTML 5Page - Vishay Siliconix DG9426 Datasheet HTML 6Page - Vishay Siliconix DG9426 Datasheet HTML 7Page - Vishay Siliconix DG9426 Datasheet HTML 8Page - Vishay Siliconix DG9426 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 71807
S09-1675-Rev. E, 31-Aug-09
www.vishay.com
5
Vishay Siliconix
DG9424, DG9425, DG9426
SPECIFICATIONSa Single Supply 5 V
Parameter
Symbol
Test Conditions Unless Specified
V+ = 5 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Limits
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
V
On-Resistancee
RON
V+ = 4.5 V, INO, INC = 50 mA
VCOM = 1 V, 3.5 V
Room
Full
3.4
4.8
5.8
Ω
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 35 pF
VNO, VNC = 3.5 V, See Figure 2
Room
Hot
71
86
106
ns
Turn-Off Timee
tOFF
Room
Hot
37
51
56
Break-Before-Make Time Delaye
tD
DG9426 Only, VNO, VNC = 3.5 V
RL = 300 Ω, CL = 35 pF
Room
5
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
10
pC
Power Supplies
Positive Supply Currente
I+
VIN = 0 or VL
Room
Hot
0.02
1
5
µA
Negative Supply Currente
I-
Room
Hot
- 1
- 5
- 0.002
Logic Supply Currente
IL
Room
Hot
0.002
1
5
Ground Currente
IGND
Room
Hot
- 1
- 5
- 0.002


Similar Part No. - DG9426

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426 VISHAY-DG9426 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426 VISHAY-DG9426 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426 VISHAY-DG9426 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9426DQ VISHAY-DG9426DQ Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426DQ VISHAY-DG9426DQ Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
More results

Similar Description - DG9426

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com