Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9426DQ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9426DQ
Description  Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9426DQ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG9426DQ Datasheet HTML 4Page - Vishay Siliconix DG9426DQ Datasheet HTML 5Page - Vishay Siliconix DG9426DQ Datasheet HTML 6Page - Vishay Siliconix DG9426DQ Datasheet HTML 7Page - Vishay Siliconix DG9426DQ Datasheet HTML 8Page - Vishay Siliconix DG9426DQ Datasheet HTML 9Page - Vishay Siliconix DG9426DQ Datasheet HTML 10Page - Vishay Siliconix DG9426DQ Datasheet HTML 11Page - Vishay Siliconix DG9426DQ Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
8
Document Number: 71807
S09-1675-Rev. E, 31-Aug-09
Vishay Siliconix
DG9424, DG9425, DG9426
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Temperature
and Single Supply Voltage
Leakage Current vs. Temperature
0
30
60
90
120
150
180
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 3 V
tOFF V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 5 V
tOFF V+ = 12 V
- 60
- 40
- 20
0
20
40
60
80
100
1000
100
1
V+ = ± 5 V
ICOM(on)
Temperature (°C)
10
ICOM(off)
Switching Time vs. Temperature
and Dual Supply Voltage
Switching Threshold vs. Supply Voltage
0
20
40
60
80
100
120
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
VSUPPLY = ± 5 V
tON VS = - 3.5 V
tON VS = 3.5 V
tOFF VS = - 3.5 V
tOFF VS = 3.5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2468
10
12
14
V+ - Supply Voltage (V)
Insertion Loss, Off Isolation and
Crosstalk vs. Frequency
100K
- 90
1M
- 20
10
- 50
- 40
100M
1G
Frequency (MHz)
- 70
Off Isolation
Crosstalk
Insertion Loss
- 3 dB = 280 MHz
10M
0
- 80
- 60
- 30
- 10
V+ = 3 V
V - = 0 V
RL = 50 Ω


Similar Part No. - DG9426DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426DQ VISHAY-DG9426DQ Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG9426DQ VISHAY-DG9426DQ Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426DQ-T1-E3 VISHAY-DG9426DQ-T1-E3 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
More results

Similar Description - DG9426DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9424 VISHAY-DG9424_08 Datasheet
667Kb / 10P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. D, 01-Sep-03
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
   Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
01-Jan-2022
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
   Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
Rev. C, 16-Jun-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com