Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9451 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG9451
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9451 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG9451 Datasheet HTML 5Page - Vishay Siliconix DG9451 Datasheet HTML 6Page - Vishay Siliconix DG9451 Datasheet HTML 7Page - Vishay Siliconix DG9451 Datasheet HTML 8Page - Vishay Siliconix DG9451 Datasheet HTML 9Page - Vishay Siliconix DG9451 Datasheet HTML 10Page - Vishay Siliconix DG9451 Datasheet HTML 11Page - Vishay Siliconix DG9451 Datasheet HTML 12Page - Vishay Siliconix DG9451 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Vishay Siliconix
DG9451, DG9453
Document Number: 65020
S10-2275-Rev. B, 04-Oct-10
www.vishay.com
9
TEST CIRCUITS
A
B
C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X
X0
X7
X1 - X6
VX0
VX7
0 V
1.8 V
50 %
50 %
90 %
tTRANS
ON
X7 ON (DG9451)
VO
VA, B, C
VX7
t TRANS
90 %
DG9451
VX0 or VY0 or VZ0
VX3 or VY3
VX1 or VY1 or VZ1
or
X1 or Y1 or Z1 ON (DG9453)
V0 or Y0 or Z0
Figure 1. Transition Time
A or B
or C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y or Z
X0 or Y0
or Z0
X1 or Y1 or Z1
DG9453
VX0 or VY0 or VZ0
VX1or VY1or VZ1
A
B
C
ENABLE
GND
V
CC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X
X0
X1 - X7
0 V
1.8 V
50 %
50 %
90 %
tOFF
Enable X or Y or Z
Disable X or Y or Z
VO
VENABLE
VCC
0 V
tON
90 %
DG9451
VX0 or VY0 or VZ0
Figure 2. Enable Switching Time
A or B
or C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y or Z
X0 or Y0
or Z0
X1 or Y1 or Z1
DG9453
VCC


Similar Part No. - DG9451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9451 VISHAY-DG9451 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
DG9451EN-T1-E4 VISHAY-DG9451EN-T1-E4 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
More results

Similar Description - DG9451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. C, 01-Aug-11
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com