Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9636 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9636
Description  Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9636 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9636 Datasheet HTML 2Page - Vishay Siliconix DG9636 Datasheet HTML 3Page - Vishay Siliconix DG9636 Datasheet HTML 4Page - Vishay Siliconix DG9636 Datasheet HTML 5Page - Vishay Siliconix DG9636 Datasheet HTML 6Page - Vishay Siliconix DG9636 Datasheet HTML 7Page - Vishay Siliconix DG9636 Datasheet HTML 8Page - Vishay Siliconix DG9636 Datasheet HTML 9Page - Vishay Siliconix DG9636 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 65159
S10-2012-Rev. B, 06-Sep-10
Vishay Siliconix
DG9636
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Insertion Loss, Off-Isolation,
Crosstalk vs. Frequency
Frequency (Hz)
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
V+ = 12.0 V
RL = 50 
LOSS
OIRR
XTALK
100K
1M
10M
100M
1G
Charge Injection vs. Analog voltage
VS - Analog Voltage (V)
- 25
- 20
- 15
- 10
- 5
0
5
10
15
20
25
0
12345
6789
10
11
12
T = 25 °C
CL = 1 nF
V+ = 12.0 V
V+ = 5.0 V
V+ = 3.0 V
Switching Threshold vs. Supply Voltage
V+ - Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2
3
4
5
6
7
8
9
10 11
12 13
14 15
VIH
VIL


Similar Part No. - DG9636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9636DN-T1-E4 VISHAY-DG9636DN-T1-E4 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9636EN-T1-E4 VISHAY-DG9636EN-T1-E4 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
More results

Similar Description - DG9636

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com