Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25CB1282M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE25CB1282M
Description  Serial SPI EEPROM (SPI Bus)(128Kbit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CB1282M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE25CB1282M Datasheet HTML 5Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 6Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 7Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 8Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 9Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 10Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 11Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 12Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LE25CB1282M
No.NA1503-10/13
BP0, BP1 (bits2, 3)
Block Protect Settings
Block protect BP0 and BP1 are status register bits that can be rewritten, and the memory space to be protected can be
set depending on these bits. For the setting conditions, refer to “Table 3 Protect Level Setting Conditions.”
Table 3 Protect Level Setting Conditions
Protection Block (Level)
Status Register Bits
Protected Area
BP1
BP0
0 (Whole area unprotected)
0
0
None
1 (Upper 1/4 area protected)
0
1
3000h to 3FFFh
2 (Upper 1/2 area protected)
1
0
2000h to 3FFFh
3 (Whole area protected)
1
1
0000h to 3FFFh
SRWP (bit7)
Status Register Write Protect Settings
Status register write protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is “1” and the logic level of the WP pin is low, the status register write command is ignored, and status
registers BP0, BP1, BP2, and SRWP are protected. When the logic level of the WP pin is high, the status registers are
not protected regardless of the SRWP state. The SRWP setting conditions are shown in “Table 4 SRWP Setting
Conditions.”
Table 4 SRWP Setting Conditions
WP Pin
SRWP
Mode
Status Register
Protected Area
Unprotected Area
1
0
Software protected
(SPM)
Unprotected
Protected
Unprotected
0
0
1
1
0
1
Hardware protected
(HPM)
Protected
Protected
Unprotected
Bit4, bit5, and bit6 are reserved bits, and have no significance.
3. Write Enable (WREN)
Before performing any of the operations listed below, the device must be placed in the write enable state. Operation is
the same as for setting status register WEN to “1”, and the state is enabled by inputting the write enable command.
“Figure 7 Write Enable” shows the timing waveforms when the write enable operation is performed. The write enable
command consists only of the first bus cycle, and it is initiated by inputting (06h).
• Write (WRITE)
• Status register write (WRSR)
4. Write Disable (WRDI)
The write disable command sets status register WEN to “0” to prohibit unintentional writing. “Figure 8 Write Disable”
shows the timing waveforms. The write disable command consists only of the first bus cycle, and it is initiated by
inputting (04h).
The write disable state (WEN “0”) is exited by setting WEN to “1” using the write enable command (06h).
Figure 7 Write Enable
Figure 8 Write Disable
CS
SCK
SI
SO
8CLK
06h
High Impedance
Mode3
Mode0
01 2 3 4 5 6 7
(00000110)
CS
SCK
SI
SO
8CLK
04h
High Impedance
Mode3
Mode0
01 2 3 4
5 6 7
(00000100)


Similar Part No. - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
More results

Similar Description - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com