Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25FS406 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25FS406 Datasheet HTML 1Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 2Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LE25FS406
No.A1577-5/22
Table 2 Command Settings
4M Bit
sector(64KB)
small sector
address space(A23 to A0)
I27
07F000h
07FFFFh
to
7
I12
070000h
070FFFh
I11
06F000h
06FFFFh
to
6
96
060000h
060FFFh
95
05F000h
05FFFFh
to
5
80
050000h
050FFFh
79
04F000h
04FFFFh
to
4
64
040000h
040FFFh
63
03F000h
03FFFFh
to
3
48
030000h
030FFFh
47
02F000h
02FFFFh
to
2
32
020000h
020FFFh
31
01F000h
01FFFFh
to
1
16
010000h
010FFFh
15
00F000h
00FFFFh
to
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh


Similar Part No. - LE25FS406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
167Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
More results

Similar Description - LE25FS406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com