Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25LA322 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LE25LA322
Description  Serial SPI EEPROM (SPI Bus) (32Kbit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LA322 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LE25LA322 Datasheet HTML 6Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 7Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 8Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 9Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 10Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 11Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 12Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 13Page - Sanyo Semicon Device LE25LA322 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LE25LA322
No.NA1310-11/14
5. Write (WRITE)
The LE25LA322 enables pages with up to 32bytes to be written. Any number of bytes from 1 to 32bytes can be written
within the same sector page (page addresses : A15 to A5). “Figure 9 Write” shows the write timing waveforms, and
Figure 12 shows a write flowchart. After the falling CS edge, the command (02H) is input followed by the 16-bit
addresses (Add). The write data is then loaded until the rising CS edge, and the internal addresses (A4 to A0) are
incremented (Add+1) every time the data is loaded in 1-byte increments. The data loading continues until the rising CS
edge. If the data loaded has exceeded 32bytes, the 32bytes loaded last are written. The write data must be loaded in
1-byte increments, and the write operation is not performed at the rising CS edge occurring at any other timing. The
write time is 10ms (max.) when 32bytes (1page) are written at one time.
Figure 9 Write
• Addresses A15 - A12 are “don’t care.”
6. Hold Function
Using HOLD pin, the hold function suspends serial communication (it places it in the hold status). “Figure 10 HOLD”
shows the timing waveforms. The device is placed in the hold status at the falling HOLD edge while the logic level of
SCK is low, and it exits from the hold status at the rising HOLD edge. When the logic level of SCK is high, HOLD must
not rise or fall. The hold function takes effect when the logic of CS is low, and the hold status is exited and serial
communication is reset at the rising CS edge. In the hold status, the SO output is in the high-impedance state, and SI
and SCK are “don’t care.”
Figure 10 HOLD
CS
HOLD
SCK
SO
Active
Active
HOLD
tHS
tHS
tHH
tHLZ
tHH
tHHZ
High Impedance
CS
SCK
SI
SO
8CLK
High Impedance
Mode3
Mode0
0123
456
78
15 16
23 24
31 32
39 40
47
279
Self-timed
Write Cycle
tWC
02h
Add.
Add.
PD
PD
PD
PD
(00000010)
(A15-A8)
(A7-A0)
(N)
(N+1)
(N+2)
(N+31)


Similar Part No. - LE25LA322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
More results

Similar Description - LE25LA322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Rohm
BR25L320-W ROHM-BR25L320-W Datasheet
285Kb / 6P
   SPI BUS 32Kbit (4,096 x 8bit) EEPROM
logo
Sanyo Semicon Device
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com