Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25LB643 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE25LB643_10 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 9Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 10Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 11Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 12Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 13Page - Sanyo Semicon Device LE25LB643_10 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LE25LB643
No.NA1342-10/14
BP0, BP1 (bits2, 3)
Block Protect Settings
Block protect BP0 and BP1 are status register bits that can be rewritten, and the memory space to be protected can be
set depending on these bits. For the setting conditions, refer to “Table 3 Protect Level Setting Conditions.”
Table 3 Protect Level Setting Conditions
Status Register Bits
Protection Block (Level)
BP1
BP0
Protected Area
0 (Whole area unprotected)
0
0
None
1 (Upper 1/4 area protected)
0
1
1800h to 1FFFh
2 (Upper 1/2 area protected)
1
0
1000h to 1FFFh
3 (Whole area protected)
1
1
0000h to 1FFFh
SRWP (bit7)
Status Register Write Protect Settings
Status register write protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is “1” and the logic level of the WP pin is low, the status register write command is ignored, and status
registers BP0, BP1, BP2, and SRWP are protected. When the logic level of the WP pin is high, the status registers are
not protected regardless of the SRWP state. The SRWP setting conditions are shown in “Table 4 SRWP Setting
Conditions.”
Table 4 SRWP Setting Conditions
WP Pin
SRWP
Mode
Status Register
Protected Area
Unprotected Area
1
0
0
0
1
1
Software protected
(SPM)
Unprotected
Protected
Unprotected
0
1
Hardware protected
(HPM)
Protected
Protected
Unprotected
Bit4, bit5, and bit6 are reserved bits, and have no significance.
3. Write Enable (WREN)
Before performing any of the operations listed below, the device must be placed in the write enable state. Operation is
the same as for setting status register WEN to “1”, and the state is enabled by inputting the write enable command.
“Figure 7 Write Enable” shows the timing waveforms when the write enable operation is performed. The write enable
command consists only of the first bus cycle, and it is initiated by inputting (06h).
• Write (WRITE)
• Status register write (WRSR)
4. Write Disable (WRDI)
The write disable command sets status register WEN to “0” to prohibit unintentional writing. “Figure 8 Write Disable”
shows the timing waveforms. The write disable command consists only of the first bus cycle, and it is initiated by
inputting (04h).
The write disable state (WEN “0”) is exited by setting WEN to “1” using the write enable command (06h).
Figure 7 Write Enable
Figure 8 Write Disable
CS
SCK
SI
SO
8CLK
06h
High Impedance
Mode3
Mode0
01 2 3 4 5 6 7
(00000110)
CS
SCK
SI
SO
8CLK
04h
High Impedance
Mode3
Mode0
01 2 3 4
5 6 7
(00000100)


Similar Part No. - LE25LB643_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643 Datasheet
321Kb / 14P
   Serial SPI EEPROM
More results

Similar Description - LE25LB643_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com