Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBT156 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EBT156
Description  Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBT156 Datasheet(HTML) 1 Page - Vishay Siliconix

  EBT156 Datasheet HTML 1Page - Vishay Siliconix EBT156 Datasheet HTML 2Page - Vishay Siliconix EBT156 Datasheet HTML 3Page - Vishay Siliconix EBT156 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 36007
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
17
Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and
Wire Wrap™ Termination
EBT156
Vishay Dale
ELECTRICAL SPECIFICATIONS
Current Rating: 5 A
Test Voltage Between Contacts:
At sea level: 1800 VRMS
At 70 000 feet (21 336 meters): 450 VRMS
Insulation Resistance: 5000 M
Ω minimum (at 500 V
DC
potential)
Contact Resistance: (voltage drop) 30 mV maximum at
rated current with gold flash
PHYSICAL SPECIFICATIONS
Number of Contacts: 6, 10, 12, 15, 18, or 22
Contact Spacing: 0.156" (3.96 mm)
Card Thickness: 0.054" to 0.070" (1.37 mm to 1.78 mm)
Card Slot Depth: 0.330" (8.38 mm)
FEATURES
• 0.156" (3.96 mm) C-C
• Modified tuning fork contacts have chamfered lead-in to
reduce wear on printed circuit board contacts without
sacrificing contact pressure and wiping action
• Accepts PC board thickness of 0.054" to 0.070" (1.37 mm
to 1.78 mm)
• Polarization on or between contact positions in all sizes.
Between contact polarization permits polarizing without
loss of a contact position
• Polarizing key is reinforced nylon, may be inserted by
hand, requires no adhesive
• Protected entry, provided by recessed leading edge of
contact, permits the card slot to staighten and align the
board before electrical contact is made. Prevents damage
to contacts which might be caused by warped or out of
tolerance boards
• Optional terminal configurations, including eyelet (type A),
dip-solder (types B, C, D, R), Wire Wrap™ (types E, F)
• Connectors with type A, B, C, D, or R contacts are
recognized
under
the
Component
Program
of
Underwriters Laboratories, Inc. listed under file
E65524, project 77CH3889
APPLICATIONS
For use with 0.062" (1.57 mm) printed circuit boards requiring
an edgeboard type connector on 0.156" (3.96 mm) centers
MATERIAL SPECIFICATIONS
Body: Glass-filled phenolic per MIL-M-14, type MFH, black,
flame retardant (UL 94 V-0)
Contacts: Copper alloy
Finish: 1 = Electro tin plated, 2 = Gold flash
Polarizing Key: Glass-filled nylon
Optional Threaded Mounting Insert: Nickel plated brass
(Type Y)
Optional Floating Mounting Bushing: Cadmium plated
brass (Type Z)
ORDERING INFORMATION
EBT156
10
A
1
X
A, J
A9, J9
MODEL
CONTACTS
6, 10, 12,
15, 18, or 22
STANDARD TERMINAL
VARIATIONS
A, B, C, D,
E, F, or R
CONTACT
FINISH
1 = Electro tin
plated
2 = Gold flash
MOUNTING
VARIATIONS
W, X, Y, or Z
BETWEEN CONTACT
POLARIZATION
ON CONTACT POLARIZATION
Required only when polarizing
key(s) are to be factory installed.
Polarization key replaces contact.
When polarizing key(s) replaces
contact(s), indicate by adding suffix
“9” to contact position(s) desired.
Example: A9, J9 means keys
replace terminals A and J
Required only when polarizing key(s) are to be
factory installed.
Polarization key positions: Between contact
polarization key(s) are located to the right of the
contact position(s) desired.
Example: A, J means keys between A and B,
and J and K


Similar Part No. - EBT156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
EBT15610A1WA VISHAY-EBT15610A1WA Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT15610A1XA VISHAY-EBT15610A1XA Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT15610A1YA VISHAY-EBT15610A1YA Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
More results

Similar Description - EBT156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
   Solder Eyelet Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com