Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV1115 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV1115
Description  Surround Processor ICs for Electronic Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1115 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV1115 Datasheet HTML 2Page - Sanyo Semicon Device LV1115 Datasheet HTML 3Page - Sanyo Semicon Device LV1115 Datasheet HTML 4Page - Sanyo Semicon Device LV1115 Datasheet HTML 5Page - Sanyo Semicon Device LV1115 Datasheet HTML 6Page - Sanyo Semicon Device LV1115 Datasheet HTML 7Page - Sanyo Semicon Device LV1115 Datasheet HTML 8Page - Sanyo Semicon Device LV1115 Datasheet HTML 9Page - Sanyo Semicon Device LV1115 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LV1115/1115M
No.8263-6/15
Table4 Gain control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
-9dB
0
0
0
1
1
*
*
*
-6dB
0
0
0
1
0
*
*
*
0dB
0
0
0
0
0
*
*
*
+4dB
0
0
1
1
0
*
*
*
+6dB
0
0
0
0
0
0
0
1
0
0
1
1
1
*
*
*
Table5 Mode control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Bypass (Total)
*
*
*
*
*
*
0
0
Matrix
*
*
*
*
*
*
0
1
Mono
*
*
*
*
*
*
1
0
Pseudo Stereo
0
0
0
0
0
0
1
1
*
*
*
*
*
*
1
1
Table6 Surround control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
OFF
*
*
*
0
0
0
*
*
MODE-C
*
*
*
0
1
1
*
*
MODE-B
*
*
*
0
1
0
*
*
MODE-A
*
*
*
0
0
1
*
*
MODE-F
1
1
1
MODE-E
1
1
0
MODE-D
0
0
0
0
0
0
1
1
*
*
*
1
0
1
*
*
Note: At the time of forced mono mode, there is not Surround effect.
Note: Output gain = Step1 < Step7
Note: The output wave form becomes big depending on the surround or tone control setting. Please make sure the
output waveform is not distorted. If the waveform is distorted, reduce the gain setting of surround, tone control, or
input signal level.
Table7 AVL DETECTION LEVEL
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
OFF
0
0
0
*
*
*
*
*
100mV
0
0
1
*
*
*
*
*
200mV
0
1
0
*
*
*
*
*
300mV
0
1
1
*
*
*
*
*
400mV
1
0
0
*
*
*
*
*
500mV
1
0
1
*
*
*
*
*
600mV
1
1
0
*
*
*
*
*
700mV
0
0
0
0
0
0
1
1
1
1
1
*
*
*
*
*
Table8 AVL SLOPE
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
LEVEL1
0
0
0
0
0
0
0
0
LEVEL2
0
0
0
0
0
0
1
LEVEL3
0
0
0
0
0
0
1
0
LEVEL4
0
0
0
0
0
0
1
1
LEVEL5
0
0
0
0
0
1
0
0
LEVEL6
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
1


Similar Part No. - LV1115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Similar Description - LV1115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com