Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV1117N Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV1117N
Description  Surround Processor ICs for Electronic Volume Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1117N Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV1117N Datasheet HTML 7Page - Sanyo Semicon Device LV1117N Datasheet HTML 8Page - Sanyo Semicon Device LV1117N Datasheet HTML 9Page - Sanyo Semicon Device LV1117N Datasheet HTML 10Page - Sanyo Semicon Device LV1117N Datasheet HTML 11Page - Sanyo Semicon Device LV1117N Datasheet HTML 12Page - Sanyo Semicon Device LV1117N Datasheet HTML 13Page - Sanyo Semicon Device LV1117N Datasheet HTML 14Page - Sanyo Semicon Device LV1117N Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LV1117N/1117NV
No.A1046-11/18
Table11 Volume channel control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
L-ch
0
1
*
*
*
*
*
*
R-ch
1
0
*
*
*
*
*
*
L/R
0
0
0
0
0
0
1
0
1
1
*
*
*
*
*
*
Table12 Output port control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
On (sink)
0
0
0
0
0
0
0
0
Off (open)
0
0
0
0
0
1
1
0
0
0
0
0
1
1
1
1
Pin Functions
[LV1117N]
Pin No
Function
Voltage
Remarks
Internal equivalent circuit
1
GND
0
2
INPUT-A(R)
41
INPUT-A(L)
3
INPUT-B(R)
40
INPUT-B(L)
4
INPUT-C(R)
39
INPUT-C(L)
5
INPUT-D(R)
38
INPUT-D(L)
VREF
Input Impedance
ri=50k
Ω
6
LINE-OUT(R)
37
LINE-OUT(L)
VREF
Function SW Output
ro=700
Ω
7
DC Cut(R)
36
DC Cut(L)
VREF
DC offset cancellation capacitor
connection pin
8
ST-1
35
ST-2
VREF
Pseudo stereo phase shift capacitor
connection pin
9
AViSS LPF
VREF
Capacitor connection pin for surround low
pass filter
Continued on next page.


Similar Part No. - LV1117N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
More results

Similar Description - LV1117N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com