Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV1117NV Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV1117NV
Description  Surround Processor ICs for Electronic Volume Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1117NV Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV1117NV Datasheet HTML 1Page - Sanyo Semicon Device LV1117NV Datasheet HTML 2Page - Sanyo Semicon Device LV1117NV Datasheet HTML 3Page - Sanyo Semicon Device LV1117NV Datasheet HTML 4Page - Sanyo Semicon Device LV1117NV Datasheet HTML 5Page - Sanyo Semicon Device LV1117NV Datasheet HTML 6Page - Sanyo Semicon Device LV1117NV Datasheet HTML 7Page - Sanyo Semicon Device LV1117NV Datasheet HTML 8Page - Sanyo Semicon Device LV1117NV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LV1117N/1117NV
No.A1046-3/18
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Bass band EQ (Matrix through mode, Input gain: 0dB, Volume control: 0dB)
Control Range
GeqB
Max. Boost/Cut
±17
±20
±23
dB
Step resolution
EstepB
1.0
2.0
3.0
dB
Treble band EQ (Matrix through mode, Input gain: 0dB, Volume control: 0dB)
Control Range
GeqT
Max. Boost/Cut
±15
±18
±21
dB
Step resolution
EstepT
1.0
2.0
3.0
dB
L+R output (Output=L+R-OUT, Step=0dB, L+R_Step=Step4)
Voltage gain
VGF
-2.3
-1.3
-0.3
dB
Maximum output voltage
VOF
THD=1%
2.0
2.5
Vrms
Total harmonic distortion
THDF
DIN AUDIO
0.03
0.1
%
Output noise voltage
VNOF
DIN AUDIO
-99
-85
dBV
Port Output (20/21/22/23pin)
Low level output voltage
VOL
IO=1mA
0.3
V
Port output sink Current
IO
1.0
mA
Note: The output wave form becomes big depending on the surround or tone control setting. Please make sure the
output waveform is not distorted. If the waveform is distorted, reduce the gain setting of surround, tone control, or
input signal level.
Package Dimensions
unit : mm (typ)
3025C
[LV1117N]
SANYO : DIP42S(600mil)
37.7
0.95
0.48
(1.05)
1.78
121
42
22


Similar Part No. - LV1117NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
More results

Similar Description - LV1117NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com