Electronic Components Datasheet Search |
|
EB61K12SGX15 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
EB61K12SGX15 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 36002 For technical questions, contact: connectors@vishay.com www.vishay.com Revision: 16-Feb-09 5 Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals EB6 Vishay Dale ELECTRICAL SPECIFICATIONS Current Rating: 3 A Test Voltage Between Contacts: At sea level: 1500 VRMS At 70 000 feet (21 336 meters): 325 VRMS Insulation Resistance: 5000 M Ω minimum at 500 V DC potential Contact Resistance: 30 mV maximum at rated current (with gold plating) Operating Temperature: - 65 °C to + 125 °C Humidity: 96 h at 90 % relative humidity at + 40 °C, dried at room temperature for 3 h minimum, insulation resistance was greater than 5000 M Ω Durability: After 500 cycles of insertion and withdrawal of a 0.070" (1.78 mm) thick steel test board, contact resistance less than 0.030 V at 3 A on gold plated contacts and individual contact pair separation force when measured with a 0.054" (1.37 mm) thick steel test blade was greater than ½ oz. Shock: Three 50G shocks in each of 3 mutually perpendicular planes with no loss of continuity Vibration: 2 h in each of 3 mutually perpendicular planes, frequency sweep 10 cps to 55 cps at 0.06 double amplitude with no loss of continuity FEATURES • Grid Patterns: 0.125" C-C x 0.150" (3.17 mm x 3.81 mm), 0.125" C-C x 0.200" (3.17 mm x 5.08 mm) and 0.125" C-C x 0.250" (3.17 mm x 6.35 mm) • Standard and right angle terminals • Greater design latitude: 4 body materials: Diallyl phthalate, phenolic, glass-filled polyester and glass-filled polyphenylene sulfied 7 contact termination styles - 3 standard, 4 right angle 19 body sizes and 6 mounting styles • Selective gold plating • Accepts PC board thickness of 0.054" to 0.071" (1.37 mm to 1.80 mm) • Polarization between contact positions in all sizes. Between contact polarization permits polarizing without loss of contact position. • Recognized under the Component Program of Underwriters Laboratories, Inc. listed under file E65524, project 77CH3889 APPLICATIONS For use with 0.0625" (1.59 mm) printed circuit boards requiring an edgeboard type connector on 0.125" (3.17 mm) centers MATERIAL SPECIFICATIONS Body Material: “1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F green, flame retardant (UL 94 V-0) “2” glass-filled phenolic per MIL-M-14, Type MFH dark green, flame retardant (UL 94 V-0) “3” thermoplastic polyester, glass-filled, black, flame retardant (UL 94 V-0) ”5” thermoplastic polyphenylene sulfied, glass filled, brown, flame retardant (UL 94 V-0) Contacts: Phosphor bronze (See Ordering Information) Polarizing Key: Glass reinforced nylon, flame retardant (UL 94H-B) Plating: Gold (See Ordering Information) ORDERING INFORMATION EB6 3 K 40 SG X 15 MODEL BODY MATERIAL 1 = Diallyl Phthalate 2 = Phenolic 3 = Glass-filled Polyester 5 = Glass-filled Polyphenylene Sulfied STANDARD TERMINAL VARIATIONS C, D, K, 1R, 2R, 3R, 4R CONTACTS PER SIDE 6, 10, 12, 14, 15, 18, 22, 24, 25, 28, 30, 31, 32, 35, 36, 40, 43, 44, 49, and 50 CONTACT PLATING SG = Selective gold plating (0.00003" (0.000762 mm) minimum thick) on contact area with gold flash on terminal. SGF = Selective gold plating (0.000010" (0.000254 mm) minimum thick) on contact area with gold flash on terminal. All gold plating over 0.00005" (0.00127 mm) minimum nickel underplate. Contact factory for additional plating options. MOUNTING VARIATIONS POLARIZING KEY POSITIONS Key(s) are located to right of position(s) designated. Use odd- numbered contact for ordering: -1, -3, -5, etc. Required only when polarizing keys are to be factory installed. Note: To order polarizing keys individually, specify Model PK-6. |
Similar Part No. - EB61K12SGX15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |