Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5028TT Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5028TT
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5028TT Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV5028TT Datasheet HTML 2Page - Sanyo Semicon Device LV5028TT Datasheet HTML 3Page - Sanyo Semicon Device LV5028TT Datasheet HTML 4Page - Sanyo Semicon Device LV5028TT Datasheet HTML 5Page - Sanyo Semicon Device LV5028TT Datasheet HTML 6Page - Sanyo Semicon Device LV5028TT Datasheet HTML 7Page - Sanyo Semicon Device LV5028TT Datasheet HTML 8Page - Sanyo Semicon Device LV5028TT Datasheet HTML 9Page - Sanyo Semicon Device LV5028TT Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LV5028TT
No.A1999-6/16
LED current and inductande setting
• Relation ship beween REF_IN and CS pin voltage(Power Factor Crrection(PFC))
The output current value is the average of the current value that flows during one cycle. The current value that flows into
coil is a triangular wave shown in the figure below. Make sure to set Ipk so that (average of current value at one cycle)
is equal to (LED current value).Ipk is set by the relationship between REF_IN voltage and Rcs voltage.
This relationship make Power Factor Correction (PFC).Therefore, it is available to make LED current a sine curve.
• Setting Zener voltage
Vzd depend on LED voltage (VF). Choose Zener diode around Vf (LED voltage).When VAC voltage is lower than Vf,
LED operation is not normal. Using Zener diode prevents incorrect operating during VAC voltage lower than Vf. In
detail, refer to [LED current and inductance setting]
In case of REF_IN pin open, this error amplifier negative input(-) is under control of internal VREF voltage
(0.605Vtyp).
Ipk =
(Vac-Vzd)
×
R2
R1+R2
Rcs
Ipk: peak inductor current
Vf: LED forward voltage drop
Vac: effective value, R.M.S value
VREF: Built-in reference voltage (0.605V)
VREF_IN: REF_IN voltage (6 pin)
Rs: External sense resistor
Vzd: Zener diode voltage (REF_IN pin)
RESET
REF_IN
CLK
Q
CS
VREF
(0.605V typ)
Rcs
a blockdiagram in outline
+
-
-
OUT
L
R1
R2
Vzd
FET current
FET
Vac
REF_IN
FET current
T
ON
OFF
Toff
Ton
VREF (0.605V typ)


Similar Part No. - LV5028TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5028TT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com