Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMG050J60N Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EMG050J60N
Description  Dual Mode PFC, 60 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EMG050J60N Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button EMG050J60N Datasheet HTML 2Page - Vishay Siliconix EMG050J60N Datasheet HTML 3Page - Vishay Siliconix EMG050J60N Datasheet HTML 4Page - Vishay Siliconix EMG050J60N Datasheet HTML 5Page - Vishay Siliconix EMG050J60N Datasheet HTML 6Page - Vishay Siliconix EMG050J60N Datasheet HTML 7Page - Vishay Siliconix EMG050J60N Datasheet HTML 8Page - Vishay Siliconix EMG050J60N Datasheet HTML 9Page - Vishay Siliconix EMG050J60N Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93495
6
Revision: 18-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-EMG050J60N
Vishay Semiconductors
Dual Mode PFC, 60 A
Fig. 11 - Typical PFC Diode Forward Characteristics
Fig. 12 - Maximum DC PFC Diode Forward Current vs.
Case Temperature per Junction
Fig. 13 - Typical PFC Diode Reverse Leakage Current
Fig. 14 - Typical PFC IGBT Energy Loss vs. IC
(with Freewheeling D3 - D4 PFC Diode)
TJ = 125 °C, VCC = 400 V, Rg = 4.7 , VGE = 15 V, L = 500 μH
Fig. 15 - Typical PFC IGBT Switching Time vs. IC
(with Freewheeling D3 - D4 PFC Diode)
TJ = 125 °C, VCC = 400 V, Rg = 4.7 , VGE = 15 V, L = 500 μH
Fig. 16 - Typical Antiparallel Reverse Recovery Time vs. dIF/dt
VR = 200 V, IF = 20 A
VFM (V)
04.0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
0
93495_11
50
40
30
20
10
T
J = 25 °C
T
J = 125 °C
IF - Continuous Forward Current (A)
20
15
10
525
30
0
100
160
0
40
60
140
80
120
20
93495_12
DC
VR (V)
100
200
300
400
500
600
0.00001
0.0001
0.001
0.01
0.1
1
93495_13
125 °C
25 °C
IC (A)
020
60
80
40
100
0
93495_14
1.8
0.6
1.2
1.0
0.8
1.4
1.6
0.4
0.2
E
on
E
off
IC (A)
020
80
60
40
100
10
93495_15
1000
100
t
d(off)
t
d(on)
t
f
t
r
dIF/dt (A/μs)
100
200
300
400
93495_16
500
50
150
130
70
90
110
125 °C
25 °C


Similar Part No. - EMG050J60N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG1 ROHM-EMG1 Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
EMG1 ROHM-EMG1 Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
EMG1 ROHM-EMG1 Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1 ROHM-EMG1 Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1 ROHM-EMG1 Datasheet
1Mb / 11P
   Emitter common(dual digital transistors)
More results

Similar Description - EMG050J60N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EMG050J60N VISHAY-VS-EMG050J60N Datasheet
247Kb / 12P
   Dual Mode PFC, 60 A
Revision: 12-Jun-15
logo
Fairchild Semiconductor
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
FAN7528 FAIRCHILD-FAN7528 Datasheet
806Kb / 21P
   Dual Output Critical Conduction Mode PFC Controller
logo
Recom International Pow...
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
logo
Texas Instruments
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_17 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com