Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5050NV Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5050NV
Description  DC / DC Converter Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5050NV Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LV5050NV Datasheet HTML 1Page - Sanyo Semicon Device LV5050NV Datasheet HTML 2Page - Sanyo Semicon Device LV5050NV Datasheet HTML 3Page - Sanyo Semicon Device LV5050NV Datasheet HTML 4Page - Sanyo Semicon Device LV5050NV Datasheet HTML 5Page - Sanyo Semicon Device LV5050NV Datasheet HTML 6Page - Sanyo Semicon Device LV5050NV Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LV5050NV
PS No.A1159-7/7
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Continued from preceding page.
Pin No.
Pin name
Description
14
UV_DELAY
UVP DELAY pin
By connecting a capacitor between this pin and SGND, the time until the IC latches off after detecting the UVP state can be
set. Also, after channel 1 terminated the soft-start function, when the output voltage becomes -80% or less for the setup
voltage, an external capacitor is charged by the constant current source of 8.6
µA in the IC.
When this terminal voltage becomes 2.4V or more, the IC is latched off.
If an external capacitor is not connected, the IC is instantly latched off after detecting the UVP state.
Also, when this pin is shorted to GND, the UV_DELAY function is not operated.
15
FB
Feed back input pin. The minus terminal (-) of the trans conductance amplifier is connected.
The voltage generated when the output voltage was divided by a resistor is input into this pin.
The converter operates so that this pin becomes an internal reference voltage (VREF=0.836V).
Also, this pin is monitored by the comparators UVP and OVP.
When the voltage of this pin becomes less than 87% of the set voltage, the PGOOD pin is low level.
A timer of the UV_DELAY function operates. Also, when the voltage of this pin becomes more than 117% of the set voltage,
the IC latches off.
16
COMP
The pin to connect a capacitor and a resistor for phase compensation.
The output of an internal transformer conductance amplifier is connected.
Connect an external phase compensation circuit between this pin and SGND.
17
SGND
The system ground of the IC. The reference voltage is generated based on this pin.
This pin is connected to the power supply system ground.
18
VDD
Power supply pin for the gate drive of an external lower-side MOS-FET.
This pin is connected to the VLIN5 pin through a filter.
19
LDRV
The gate drive pin of an external lower-side MOS-FET.
This pin has the signal input part for prevention of short-through of both the upper and lower MOS-FETs.
When the voltage of this pin becomes less than 1V, the HDRV pin is turned on.
20
PGND
Power ground pin. This pin becomes the return current path of the LDRV pin.
This catalog provides information as of December, 2008. Specifications and information herein are subject
to change without notice.


Similar Part No. - LV5050NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV SANYO-LV5050NV Datasheet
104Kb / 7P
   Bi-CMOS IC DC / DC Converter Controller
More results

Similar Description - LV5050NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com