Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER15-405 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ER15-405
Description  DC Filter Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ER15-405 Datasheet(HTML) 1 Page - Vishay Siliconix

  ER15-405 Datasheet HTML 1Page - Vishay Siliconix ER15-405 Datasheet HTML 2Page - Vishay Siliconix ER15-405 Datasheet HTML 3Page - Vishay Siliconix ER15-405 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 13013
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
1
DC Filter Capacitors
ER
Vishay ESTA
TYPE ER
Capacitors offer unusually good electrical characteristics,
coupled with very small size. The ER range of capacitors are
manufactured using a mixed dielectric material that consists
of polyester/polypropylene. The container is a rolled
seamed tinplate case that is hermetically sealed. The
construction is designed to prevent internal movement
when subjected to shock and vibration.
Note
• The impregnant used is a non toxic highly refined, purified and
inhibited mineral oil.
APPLICATIONS
The ER range of capacitors are specifically designed for DC
applications.
• Audio coupling
• Pulse forming networks
• Oscillator circuits
• Arc and spark suppression
•RF by-pass
• Tuned filters
• Energy storage
• Integrating circuits
• Low and high pass filters
• High voltage smoothing
Capacitors required for AC applications and high discharge
rates can also be designed from the ER range.
Consult Vishay Electronic GmbH, Division Roederstein
ESTA and Hybrids for your specific requirements.
TEMPERATURE RANGE
Temperature range is - 55 °C to + 85 °C. The nominal
voltage rating is applicable from - 55 °C to + 85 °C.
Derating is required for higher operating temperatures.
TEMPERATURE COEFFICIENT
Capacitance will increase by 2 % per 100 °C temperature
change.
RIPPLE
The sum of the peak ripple voltage and the DC voltage
should not exceed the rated voltage. Refer to graph fig. 1 for
permissible peak-to-peak ripple voltage as a percentage of
rated voltage for various frequencies.
Fig. 1
POWER FACTOR
The power factor is variable, and a function of temperature
and frequency. See fig 2. Nominal value < 0.5 % at 20 °C.
Fig. 2
DIELECTRIC RESISTANCE
(Parallel resistance) is indicated by the graph of insulance
(M
Ω x μF) vs temperature fig 3. The insulance (MΩ x μF) is
nominally 10 000 s at + 20 °C. (Measurements taken after
1 minute with an applied voltage of 500 V).
Fig. 3
LIFE EXPECTANCY
ER type capacitors are designed for a life exceptancy of
50 000 h at 65 °C. To achieve the same life expectancy
at 85 °C derate to 60 % of rated voltage fig 4.
Fig. 4
30
10
20
10
100
1000
FREQUENCY Hz
0
10 000
2 %
0 %
1 %
80
- 20
0
40
65
1 kHz
50 Hz
Power Factor
vs.
Temperature
at 20 °C
- 40
0
40
80
10
2
10
3
10
4
10
5
Insulance vs. Temperature
Typical Values
50
100
150 °C
10
2
10
3
10
4
10
5
Rated Voltage


Similar Part No. - ER15-405

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ER152181DD1 NICHICON-ER152181DD1 Datasheet
445Kb / 1P
   Film Capacitors for Power Electronics
logo
ASEMI TECHNOLOGY., LTD
ER15V45GY ASEMI-ER15V45GY Datasheet
924Kb / 3P
   15 Ampere low vf Schottky diode
2018.11 Rev.3.1
More results

Similar Description - ER15-405

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EPR VISHAY-EPR Datasheet
85Kb / 3P
   High Voltage DC Filter Capacitors
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
   DC EMI FILTER
01/17/2022
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
   DC EMI FILTER
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com