Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX74 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC74LCX74
Description  LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX74 Datasheet(HTML) 8 Page - Motorola, Inc

  MC74LCX74 Datasheet HTML 1Page - Motorola, Inc MC74LCX74 Datasheet HTML 2Page - Motorola, Inc MC74LCX74 Datasheet HTML 3Page - Motorola, Inc MC74LCX74 Datasheet HTML 4Page - Motorola, Inc MC74LCX74 Datasheet HTML 5Page - Motorola, Inc MC74LCX74 Datasheet HTML 6Page - Motorola, Inc MC74LCX74 Datasheet HTML 7Page - Motorola, Inc MC74LCX74 Datasheet HTML 8Page - Motorola, Inc MC74LCX74 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74LCX74
MOTOROLA
LCX DATA
BR1339 — REV 3
8
OUTLINE DIMENSIONS
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.07
6.33
0.238
0.249
MILLIMETERS
B
5.20
5.38
0.205
0.212
C
1.73
1.99
0.068
0.078
D
0.05
0.21
0.002
0.008
F
0.63
0.95
0.024
0.037
G
0.65 BSC
0.026 BSC
H
1.08
1.22
0.042
0.048
J
0.09
0.20
0.003
0.008
J1
0.09
0.16
0.003
0.006
K
0.25
0.38
0.010
0.015
K1
0.25
0.33
0.010
0.013
__
__
NOTES:
6 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
7 CONTROLLING DIMENSION: MILLIMETER.
8 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
9 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
10 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION/INTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF K DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR INTRUSION
SHALL NOT REDUCE DIMENSION K BY MORE
THAN 0.07 (0.002) AT LEAST MATERIAL
CONDITION.
11 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
12 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
H
A
B
14
8
7
1
F
M
K
14X
REF
S
U
M
0.12 (0.005)
V S
T
L
L/2
PIN 1
IDENT
S
U
M
0.20 (0.008)
T
–V–
–U–
D
C
0.076 (0.003)
G
–T– SEATING
PLANE
DETAIL E
DETAIL E
–W–
N
N
0.25 (0.010)
K
J
J1
K1
SECTION N–N
L
7.65
7.90
0.301
0.311
M
0
8
0
8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948G–01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
–––
1.20
–––
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60
0.020
0.024
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
__
_
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
–U–
SEATING
PLANE
0.10 (0.004)
–T–
SECTION N–N
DETAIL E
J J1
K
K1
DETAIL E
F
M
–W–
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
–V–
14X
REF
K
N
N
SD SUFFIX
PLASTIC SSOP PACKAGE
CASE 940A–03
ISSUE B


Similar Part No. - MC74LCX74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX74D ONSEMI-MC74LCX74D Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
MC74LCX74D ONSEMI-MC74LCX74D Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX74DG ONSEMI-MC74LCX74DG Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results

Similar Description - MC74LCX74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
logo
Motorola, Inc
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
logo
Intersil Corporation
CD4013BMS INTERSIL-CD4013BMS Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013B TI1-CD4013B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D-type Flip Flop
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com