Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5235V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV5235V
Description  18-channel LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5235V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV5235V Datasheet HTML 1Page - Sanyo Semicon Device LV5235V Datasheet HTML 2Page - Sanyo Semicon Device LV5235V Datasheet HTML 3Page - Sanyo Semicon Device LV5235V Datasheet HTML 4Page - Sanyo Semicon Device LV5235V Datasheet HTML 5Page - Sanyo Semicon Device LV5235V Datasheet HTML 6Page - Sanyo Semicon Device LV5235V Datasheet HTML 7Page - Sanyo Semicon Device LV5235V Datasheet HTML 8Page - Sanyo Semicon Device LV5235V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LV5235V
No.A1941-4/29
Pin Descriptions
Pin No.
Pin name
I/O
Description
1
SVCC
-
Power supply pin
2
SCLK
I
Serial clock signal input pin
3
SDATA
I
Serial data signal input pin
4
SDEN
I
Serial enable signal input pin
5
LEDR1
O
LEDR1 output pin
6
LEDR2
O
LEDR2 output pin
7
LEDR3
O
LEDR3 output pin
8
LEDR4
O
LEDR4 output pin
9
PGND1
-
GND pin dedicated for LED driver
10
LEDR5
O
LEDR5 output pin
11
LEDR6
O
LEDR6 output pin
12
NC
-
No connection
13
NC
-
No connection
14
LEDG1
O
LEDG1 output pin
15
LEDG2
O
LEDG2 output pin
16
LEDG3
O
LEDG3 output pin
17
LEDG4
O
LEDG4 output pin
18
PGND2
-
GND pin dedicated for LED driver
19
LEDG5
O
LEDG5 output pin
20
LEDG6
O
LEDG6 output pin
21
NC
-
No connection
22
NC
-
No connection
23
A0
I
Slave address input pin A0
24
A1
I
Slave address input pin A1
25
A2
I
Slave address input pin A2
26
A3
I
Slave address input pin A3
27
A4
I
Slave address input pin A4
28
LEDB1
O
LEDB1 output pin
29
LEDB2
O
LEDB2 output pin
30
LEDB3
O
LEDB3 output pin
31
LEDB4
O
LEDB4 output pin
32
PGND3
-
GND pin dedicated for LED driver
33
LEDB5
O
LEDB5 output pin
34
LEDB6
O
LEDB6 output pin
35
NC
-
No connection
36
NC
-
No connection
37
CTLSCT
I
3-wire serial bus/I
2C serial bus selecting control pin
(L: 3-wire serial, H: I
2C)
38
SGND
-
Analog circuit GND pin
39
TEST
I
Test pin (connected to GND)
40
RESET
I
Reset signal input pin
41
RT1
O
LED current setting resistor connection pin 1
42
CT
O
Oscillation frequency setting capacitor connection pin
43
OUTSCT
I
Output type switching control pin
L: Constant-current output
M (terminal OPEN): Open drain output
H: Constant-current output, only RGB6 is open drain output
44
OSC_OUT
O
Oscillator output pin (synchronous connection)
Continued on next page.


Similar Part No. - LV5235V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
LV5235V-MPB-H ONSEMI-LV5235V-MPB-H Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
LV5235V-TLM-H ONSEMI-LV5235V-TLM-H Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
LV5235VZ-MPB-H ONSEMI-LV5235VZ-MPB-H Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
LV5235VZ-TLM-H ONSEMI-LV5235VZ-TLM-H Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
More results

Similar Description - LV5235V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com