Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB85BE18SGXA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB85BE18SGXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB85BE18SGXA Datasheet(HTML) 3 Page - Vishay Siliconix

  EB85BE18SGXA Datasheet HTML 1Page - Vishay Siliconix EB85BE18SGXA Datasheet HTML 2Page - Vishay Siliconix EB85BE18SGXA Datasheet HTML 3Page - Vishay Siliconix EB85BE18SGXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36005
16
Revision: 16-Feb-09
EB8
Vishay Dale
Edgeboard Connectors, Dual Readout
MOUNTING VARIATIONS in inches (millimeters)
TERMINAL VARIATIONS in inches (millimeters)
Type “V”
Clearance Hole
0.250
(6.35)
Ref.
0.142 (3.61) Dia.
Type “VI”
Clearance Hole
No Mounting Pad
0.142
(3.61)
Dia.
0.220 (5.59)
Ref.
Type “W”
No Mounting Flange
0.010 (0.254)
0.000 (0.000)
Type “X”
Clearance Hole
0.250
(6.35)
Ref.
0.128 (3.25) Dia.
Type “XI”
Clearance Hole
No Mounting Pad
0.128
(3.25)
Dia.
0.220 (5.59)
Ref.
Type “Y”
Threaded Insert
0.250 (6.35)
Ref.
0.250 (6.35)
Ref.
4-40
UNC-2B
Type “Z”
Floating Bushing Radial Float 0.047 (1.19)
Note: Overall body length
increased by 0.060 (1.52)
0.116
(2.95)
Dia.
0.250 (6.35)
Dia.
0.270 (6.86)
0.250 (6.35)
Ref.
Type “A”
Pierced
0.086
(2.18)
0.200 ± 0.015
(5.08 ± 0.381)
To fit 3,
#22 AWG
Wires
Type “C”
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.125 ± 0.015
(3.18 ± 0.381)
Type “D”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.104 ± 0.015
(2.64 ± 0.381)
Type “K”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.051 (1.30)
Min. Through Hole
0.200 ± 0.015
(5.08 ± 0.381)
Type “L”
Solder Dip
0.200 ± 0.015
(5.08 ± 0.381)
To fit 0.036 (0.914)
Min. Through Hole
0.156 ± 0.015
(3.96 ± 0.381)
Type “E”
Card Extender
0.200 ± 0.015
(5.08 ± 0.381)
0.100
(2.54)
0.050
(1.27)
15°
Typ.
120°
Typ.
Uses
Type “A”
Contact
0.086
(2.18)


Similar Part No. - EB85BE18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB85BE18SGXA VISHAY-EB85BE18SGXA Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
More results

Similar Description - EB85BE18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com