Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5604T Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5604T
Description  Eight-Channel Switching Regulator Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5604T Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV5604T Datasheet HTML 2Page - Sanyo Semicon Device LV5604T Datasheet HTML 3Page - Sanyo Semicon Device LV5604T Datasheet HTML 4Page - Sanyo Semicon Device LV5604T Datasheet HTML 5Page - Sanyo Semicon Device LV5604T Datasheet HTML 6Page - Sanyo Semicon Device LV5604T Datasheet HTML 7Page - Sanyo Semicon Device LV5604T Datasheet HTML 8Page - Sanyo Semicon Device LV5604T Datasheet HTML 9Page - Sanyo Semicon Device LV5604T Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LV5604T
No.A0966-6/12
Continued from preceding page.
Block
Pin No.
Pin Name
Functions
64
SYNC1
Synchronous rectification/diode rectification switching, L : synchronous rectification H : diode rectification
1
SYNC2
Synchronous rectification/diode rectification switching, L : synchronous rectification H : diode rectification
MODE
36
SEL_CH8
Channel 8 step-up/step-down switching, L (GND) : step-up H (VBIAS2) : step-down
46
VCC
Power supply input (signal system)
2
VBIAS1
Power supply input (ch1 to ch4, pre-output stage)
47
VBIAS2
Power supply input (ch5 to ch8, pre-output stage)
24
GND_S
Ground (signal system)
58
GND_P1 (VS1)
Ground (ch1 to ch4, pre-output stage)
54
GND_P2 (VS2)
Ground (ch5 to ch8, pre-output stage)
POWER
23
VREF
Reference voltage output
37
CTL
Power supply control
11
SCP
Connection pin for the delay time setting capacitor of short circuit detection circuit
CONTROL
12
SCP_OUT
Short circuit detection circuit output
21
CT
Triangle wave oscillation frequency setting capacitor connection
22
RT
Triangle wave oscillation frequency setting resistor connection
48
CLKIN
External clock input
OSC
49
CLKOUT
Clock output
63
(NC)
No connection
OTHER
50
(NC)
No connection


Similar Part No. - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
More results

Similar Description - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BD9731KV ROHM-BD9731KV Datasheet
201Kb / 2P
   5-channel switching regulator controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com