Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER80-104 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ER80-104
Description  DC Filter Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ER80-104 Datasheet(HTML) 2 Page - Vishay Siliconix

  ER80-104 Datasheet HTML 1Page - Vishay Siliconix ER80-104 Datasheet HTML 2Page - Vishay Siliconix ER80-104 Datasheet HTML 3Page - Vishay Siliconix ER80-104 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: esta@vishay.com
Document Number: 13013
2
Revision: 11-Aug-10
ER
Vishay ESTA
DC Filter Capacitors
CAPACITANCE RANGE
0.01 μF to 100 μF. The tolerance is ± 10 %. Other tolerances
are available on request. Nominal values measured at 1 kHz.
VOLTAGE RANGE
1000 VDC to 40 000 VDC other values on request.
TEST VOLTAGE
Terminal/terminal (Vt/t)
For DC rating < 20 kV
Vt/t = 2.0 x rated voltage 60 s
For DC rating > 20 kV
Vt/t = 1.5 x rated voltage 60 s
WEIGHT
The approximate weight in kg of capacitors in the ER range
can be estimated by multiplying the volume of the capacitor
container by 1.45 (1) x 10 -6.
TERMINATIONS
Add suffix W to part No. To indicate wire terminations.
CAPACITANCE
Capacitance tolerance of 20 % is standard with those
marked (1).
FLASHOVER
Up to 5000 V rating, the capacitor terminals will withstand
125 % of the rated voltage without flashover at a pressure
of 85 mm Hg., equivalent to 50 000 feet altitude. Above
5000 V rating, the capacitor terminals will withstand 125 %
of the rated voltage at a pressure of 500 mg Hg, equivalent
to 10 000 feet altitude.
LIFE TESTS
Conducted at 85 °C for 500 h. The voltage applied will be
140 % of the rated voltage.
Fig. 5
M6
1 mm
B
L
D
K
TYPE DESCRIPTION
PART NUMBER CAP.
μF
AB
C
D
E
1000 VDC WKG
ER10-104
0.1
50
48
28
20
20
ER10-504
0.5
50
48
28
20
20
ER10-105
1.0
75
48
28
20
20
ER10-405
4.0
75
60
54
25
35
ER10-605
6.0
95
60
54
25
35
ER10-106
10.0
115
80
48
40
35
ER10-256
25.0
155
85
67
40
35
ER10-506
50.0
155
130
100
50
35
1500 VDC WKG
ER15-104
0.1
60
48
28
20
20
ER15-504
0.5
60
48
28
20
20
ER15-205
2.0
75
54
48
22
35
ER15-405
4.0
115
54
48
22
35
ER15-805
8.0
95
85
67
40
35
ER15-106
10.0
115
85
67
40
35
ER15-126
12.0
135
85
67
40
35
ER15-256
25.0
115
130
100
50
35
ER15-506
50.0
180
130
100
50
35
2000 VDC WKG
ER20-104
0.1
60
48
28
20
20
ER20-254
0.25
60
48
28
20
20
ER20-504
0.5
60
48
28
20
20
ER20-105
1.0
95
48
28
20
20
ER20-205
2.0
75
54
48
22
35
ER20-405
4.0
115
54
48
22
35
ER20-605
6.0
135
60
54
25
35
ER20-106
10.0
115
85
67
40
35
ER20-126
12.0
135
85
67
40
35
ER20-206
20.0
115
130
100
50
35
3000 VDC WKG
ER30-104
0.1
60
48
28
20
20
ER30-504
0.5
75
48
28
20
20
ER30-105
1.0
115
48
28
20
20
ER30-105X
1.0
75
54
48
22
35
ER30-205
2.0
115
54
48
22
35
ER30-405
4.0
155
60
54
25
35
ER30-605
6.0
180
80
48
40
35
ER30-805
8.0
155
85
67
40
35
ER30-106
10.0
95
130
100
50
35
ER30-206
20.0
155
130
100
50
35
ER30-256
25.0
180
130
100
50
35
ER30-104
0.1
60
48
28
20
20
4000 VDC WKG
ER40-104
0.1
60
48
28
20
20
ER40-254
0.25
75
48
28
20
20
ER40-504
0.5
95
48
28
20
20
ER40-105
1.0
95
54
48
22
35
ER40-205
2.0
135
54
48
22
35
ER40-405
4.0
115
85
67
40
35
ER40-805
8.0
115
130
100
50
35
ER40-106
10.0
135
130
100
50
35
ER40-206
20.0
230
130
100
50
35
ER40-306
30.0
320
130
100
50
35


Similar Part No. - ER80-104

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
logo
Transys Electronics
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER800 WTE-ER800 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
41Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER80-104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EPR VISHAY-EPR Datasheet
85Kb / 3P
   High Voltage DC Filter Capacitors
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
   DC EMI FILTER
01/17/2022
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
   DC EMI FILTER
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com