Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5680P Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5680P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5680P Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV5680P Datasheet HTML 2Page - Sanyo Semicon Device LV5680P Datasheet HTML 3Page - Sanyo Semicon Device LV5680P Datasheet HTML 4Page - Sanyo Semicon Device LV5680P Datasheet HTML 5Page - Sanyo Semicon Device LV5680P Datasheet HTML 6Page - Sanyo Semicon Device LV5680P Datasheet HTML 7Page - Sanyo Semicon Device LV5680P Datasheet HTML 8Page - Sanyo Semicon Device LV5680P Datasheet HTML 9Page - Sanyo Semicon Device LV5680P Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LV5680P
No.A1764-6/13
Continued from preceding page.
Pin No.
Pin name
Description
Equivalent Circuit
3
CD
CD output pin
ON when CTRL2 = M, H
8.0V/1.3A
7
9
214k
Ω
VCC
GND
40k
Ω
3
4
AUDIO_F
AUIDO output voltage adjustment pin
7
9
VCC
GND
5
4
5
AUDIO
AUDIO output pin
ON when CTRL2 = M, H
6
CTRL2
CTRL2 input pin
three-value input
VCC
7
9
GND
6
7
VCC
Supply terminal
8
CTRL1
CTRL1 input pin
four-value input
VCC
7
9
GND
8
9
GND
GND pin
Continued on next page.


Similar Part No. - LV5680P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5680NPVC SANYO-LV5680NPVC Datasheet
325Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
More results

Similar Description - LV5680P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com