Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5682P Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device LV5682P Datasheet HTML 10Page - Sanyo Semicon Device LV5682P Datasheet HTML 11Page - Sanyo Semicon Device LV5682P Datasheet HTML 12Page - Sanyo Semicon Device LV5682P Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV5682P
No.A1833-9/15
Recommended Operation Circuit
Peripheral parts list
Name of part
Description
Recommended value
Remarks
C1
Power supply bypass capacitor
100
μF or more
These capacitors must be placed near
the VCC and GND pins.
C2
Oscillation prevention capacitor
0.22
μF or more
C3
EXT output stabilization capacitor
2.2
μF or more
C4
ANT output stabilization capacitor
2.2
μF or more
C6, C9, C11, C13
Output stabilization capacitor
4.7
μF or more
Electrolytic capacitor *
C7, C10, C12, C14
Output stabilization capacitor
0.22
μF or more
Ceramic capacitor *
R1
Resistor for ILM voltage adjustment
ILM output voltage
R1:without = 12.0V
:270k
Ω = 10.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
R2, R3
Resistor for AUDIO voltage setting
R2/R3:30k
Ω/5.6kΩ = 8.0V
:27k
Ω/4.7kΩ = 8.5V
:24k
Ω/3.9kΩ = 9.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
D1, D2, D3, D4
Diode for internal device breakdown protection
Recommendation:
SBD1003M3(30V/1.0A)
* : In order to stabilize the regulator outputs, it is recommended that the electrolytic capacitor and ceramic capacitor be connected in parallel.
Moreover, the above-mentioned value doesn't guarantee the operation stability in use and the overcurrent protection operation by IOmax or more of the
regulator. Therefore, there is a possibility of oscillating by use conditions.
+
+
20
18
16
14
12
8
6
21
19
17
15
13
11
7
5
+
C5
C6
ILM
+
C9
C10
R3
CD
CTRL2
CTRL1
ACC
ACC5V
SW5V
R1
R2
+
C11
D4
C4
C3
D3
D2
D1
C12
VDD5V
ANT
EXT
+
C8
C7
AUDIO
+
C1
C2
VCC
LV5682P
4
3
2
1
9
10
22
23
24
25


Similar Part No. - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
LV5682P-E ONSEMI-LV5682P-E Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results

Similar Description - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com