Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5695P Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5695P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5695P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5695P Datasheet HTML 1Page - Sanyo Semicon Device LV5695P Datasheet HTML 2Page - Sanyo Semicon Device LV5695P Datasheet HTML 3Page - Sanyo Semicon Device LV5695P Datasheet HTML 4Page - Sanyo Semicon Device LV5695P Datasheet HTML 5Page - Sanyo Semicon Device LV5695P Datasheet HTML 6Page - Sanyo Semicon Device LV5695P Datasheet HTML 7Page - Sanyo Semicon Device LV5695P Datasheet HTML 8Page - Sanyo Semicon Device LV5695P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LV5695P
No.A1972-2/13
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Power supply voltage
VCC max
36
V
Power dissipation
Pd max
(*1)
IC unit
1.5
W
At using Al heat sink (50
×50×1.5mm3)
5.6
W
At infinity heat sink
32.5
W
Peak voltage
VCC peak
Regarding Bias wave, refer to below the pulse.
50
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Junction temperature
Tj max
150
°C
*1 : Ta
≤ 25°C
Recommended Operating range
at Ta = 25
°C
Parameter
Conditions
Ratings
Unit
Power supply voltage rating 1
VDD output ON, SWD output ON
7 to 16
V
Power supply voltage rating 2
ILM output ON
10.3 to 16
V
Power supply voltage rating 3
Audio output ON, CD output ON
10 to 16
V
* VCC1 should be as follows: VCC1>VCC-0.7V
Electrical Characteristics
at Ta = 25°C(*2), VCC = VCC1=14.4V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
VDD no load, CTRL1/2/3 = ⎡L/L/L⎦
50
100
μA
CTRL1/2/3 Input
Low input voltage
VIL1
0
0.3
V
Middle input voltage 1
VIM1
0.8
1.06
1.4
V
Middle input voltage 2
VIM2
1.9
2.13
2.4
V
High input voltage
VIH
2.9
3.2
5.5
V
Input impedance
RIN
Input voltage ≤ 3.3V
280
400
520
k
Ω
IKVDD input.
Low input voltage
VIL2
-
-
0.7
V
High input voltage
VIH2
IKVDD
VCC1-0.7
-
-
V
VDD output(5V/3.3V)
Output voltage
VO11
IO1 = 200mA, IKVDD = VCC1
4.85
5.0
5.15
V
VO12
IO1 = 200mA, IKVDD = GND
3.2
3.3
3.4
V
Output current
IO1
VO11 ≥ 4.7V, VO12 ≥ 3.1V
300
mA
Line regulation
ΔVOLN1
7.5V
< VCC1 < 16V, IO1 = 200mA
30
70
mV
Load regulation
ΔVOLD1
1mA
< IO1 < 200mA
70
150
mV
Dropout voltage 1
VDROP1
IO1 = 200mA (VDD output 5V time)
0.8
1.6
V
Dropout voltage 2
VDROP1’
IO1 = 100mA (VDD output 5V time)
0.4
0.8
V
Ripple rejection
RREJ1
f = 120Hz, IO1 = 200mA
30
40
dB
AUDIO (8.45V) Output ; CTRL2 =
⎡M1 or H⎦
AUDIO output voltage 1
VO3
IO3 = 650mA
8.196
8.45
8.7
V
AUDIO output current
IO3
VO3 ≥ 8.0V
800
mA
Line regulation
ΔVOLN3
10V
< VCC < 16V, IO3 = 650mA
30
90
mV
Load regulation
ΔVOLD3
1mA
< IO3 < 650mA
100
200
mV
Dropout voltage 1
VDROP3
IO3 = 650mA
0.7
1.2
V
Dropout voltage 2
VDROP3’
IO3 = 200mA
0.2
0.35
V
Ripple rejection
RREJ3
f = 120Hz, IO3 = 650mA
40
50
dB
ILM (8.5V) Output ; CTRL1 =
⎡M1 or H⎦
ILM output voltage
VO4
IO4 = 350mA
8.245
8.5
8.755
V
ILM output current
IO4
VO4 ≥ 8.1V
500
mA
Continued on next page.


Similar Part No. - LV5695P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
289Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5695P ONSEMI-LV5695P Datasheet
255Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5695P ONSEMI-LV5695P Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5695P-E ONSEMI-LV5695P-E Datasheet
255Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P_12 Datasheet
289Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
More results

Similar Description - LV5695P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com