Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5762LF Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5762LF
Description  Step-down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5762LF Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5762LF Datasheet HTML 1Page - Sanyo Semicon Device LV5762LF Datasheet HTML 2Page - Sanyo Semicon Device LV5762LF Datasheet HTML 3Page - Sanyo Semicon Device LV5762LF Datasheet HTML 4Page - Sanyo Semicon Device LV5762LF Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering number : ENA1768
Bi-CMOS IC
Step-down Switching Regulator
LV5762LF
Overview
LV5762LF is a 1ch step-down voltage switching regulator.
Functions
• 1ch step-down switching regulator controller
• Frequency fold back function
• Load-independent soft start circuit
• ON/OFF function
• Built-in pulse-by-pulse OCP circuit. It is detected by using ON resistance of an external MOS.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VIN max
45
V
Allowable power dissipation
Pd max
*)
0.65
W
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
* Specified board: 24.0mm
× 15.0mm ×1.6mm, glass epoxy board (2-layer).
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VIN
8 to 42
V
Error amplifier input coltage
VFB
0 to 1.6
V
Electrical Characteristics at Ta
= 25°C, VIN = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage block
Internal reference voltage
Vref
Including offset of E/A
0.695
0.705
0.715
V
5V power supply
VDD
IOUT=0 to 5mA
4.7
5.2
5.7
V
Continued on next page.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
60910 SY 20100524-S00001 No.A1768-1/5


Similar Part No. - LV5762LF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
LV5762QA-NH ONSEMI-LV5762QA-NH Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
More results

Similar Description - LV5762LF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com