Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5980MX Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV5980MX
Description  Low power consumption and high efficiency Step-down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5980MX Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LV5980MX Datasheet HTML 4Page - Sanyo Semicon Device LV5980MX Datasheet HTML 5Page - Sanyo Semicon Device LV5980MX Datasheet HTML 6Page - Sanyo Semicon Device LV5980MX Datasheet HTML 7Page - Sanyo Semicon Device LV5980MX Datasheet HTML 8Page - Sanyo Semicon Device LV5980MX Datasheet HTML 9Page - Sanyo Semicon Device LV5980MX Datasheet HTML 10Page - Sanyo Semicon Device LV5980MX Datasheet HTML 11Page - Sanyo Semicon Device LV5980MX Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LV5980MX
No.A1980-8/16
Detailed Description
Power-save Feature
The LV5980MX has Power-saving feature to enhance efficiency when the load is light.
By shutting down unnecessary circuits, operating current of the IC is minimized and high efficiency is realized.
Output Voltage Setting
Output voltage (VOUT) is configurable by the resistance R3 between VOUT and FB and the R2 between FB and GND.
VOUT is given by the following equation (1).
VOUT = (1 +
R3
R2 ) × VREF = (1 +
R3
R2 ) × 1.235 [V]
(1)
Soft Start
Soft start time (TSS) is configurable by the capacitor (C5) between SS and GND. The setting value of TSS is given by the
equation (2).
TSS = C5 ×
VREF
ISS
= C5
×
1.235
1.8
× 10-6 [ms]
(2)
Power Good
FB constantly monitors VOUT. When FB voltage is lower than 1.02V, PG is pulled down to Low. PG comparator has
hysteresis of 50mV. Because PG is open-drain output, you can connect other ICs with PG to realize wired-or with other
ICs.
Hiccup Over Current Protection
Over current limit (ICL) is set to 4.7A in the IC. When the peak value of inductor current is higher than 4.7A for 15
consecutive times, the protection deems it as over current and stops the IC. Stop period (THIC) is defined by the external
capacitor of the C-HICCUP. When C-HICCUP is about 1.25V, the IC starts up. Regardless of a status; whether it starts up
or SS charge, once over current is detected, the IC stops again and when the protection does not detect over current status,
the IC starts up again. The setting value of THIC is given by the equation (3).
THIC =
C4
× VtHIC
IHIC
=
C4
× 1.25
1.8
× 10-6 [s]
(3)
ICL
IL
C-HICCUP
SS
1.25V
FB=1.02V
THIC
FB
PG
The IC stops when the peak value of inductor current is higher
than overcurrent limit for 15 consecutive times.
* The stop time defined by
external capacitor of C-HICCUP
The IC starts up when C-HICCUP is 1.25V
•The IC stops when overcurrent is detected.
•The IC starts up again if no overcurrent is detected.
* FB
≥ 1.07V ⇒ High


Similar Part No. - LV5980MX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
logo
ON Semiconductor
LV5980MC ONSEMI-LV5980MC_13 Datasheet
272Kb / 16P
   Low power consumption
August, 2013
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5980MD-AH ONSEMI-LV5980MD-AH Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
More results

Similar Description - LV5980MX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
logo
ON Semiconductor
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LV5061V SANYO-LV5061V Datasheet
157Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5068V SANYO-LV5068V Datasheet
168Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5990M SANYO-LV5990M Datasheet
227Kb / 6P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator
LV5066V SANYO-LV5066V Datasheet
109Kb / 5P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com