Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7109E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV7109E
Description  AC Switch Europe SCART Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV7109E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV7109E Datasheet HTML 1Page - Sanyo Semicon Device LV7109E Datasheet HTML 2Page - Sanyo Semicon Device LV7109E Datasheet HTML 3Page - Sanyo Semicon Device LV7109E Datasheet HTML 4Page - Sanyo Semicon Device LV7109E Datasheet HTML 5Page - Sanyo Semicon Device LV7109E Datasheet HTML 6Page - Sanyo Semicon Device LV7109E Datasheet HTML 7Page - Sanyo Semicon Device LV7109E Datasheet HTML 8Page - Sanyo Semicon Device LV7109E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LV7109E
No.A1992-2/24
Electrical Characteristics at Ta = 25°C, VCCV = 5.0V, VCCA = 12V
Parameter
Symbol
Input
point
Output
point
Test condition
Ratings
Unit
min
typ
max
Current dissipation 1 (5V)
ICC1
Non-signal
69.7
82.0
94.3
mA
Current dissipation 2
(ALL5V)
ICC2
Non-signal
11.1
13.0
15.0
mA
Current dissipation 3
(12V)
ICC3
Non-signal
7.7
9.0
10.4
mA
Video Canal SW part
Output voltage 1
VDCC
17
38
40
19
38
40
12
14
AV1, AV2-OUT (Sync tip)
0.5
0.7
0.9
V
Voltage gain
VGC
VIN = 1Vp-p, f = 100kHz, AV1, AV2-OUT
5.5
6.0
6.5
dB
Frequency characteristics 1
VFC1
VIN = 1Vp-p, f = 10MHz/100kHz
(P17, P19: Through)
-1.0
0.0
+1.0
dB
Frequency characteristics 2
VFC2
VIN = 1Vp-p, f = 6MHz/100kHz
(P38, P40: 6MHz-LPF)
-1.5
0.0
+1.5
dB
DG Differential gain
DGC
VIN = Video : 1Vp-p
-1
0
+1
%
DP Differential phase
DPC
VIN = Video : 1Vp-p
-1.5
0
+1.5
°C
Cross talk between channel
CTC
Selected input = GND
Non-selected input = 1Vp-p, f = 4.43MHz
-60
-50
dB
Picture S/N
VSNC
VIN = Video (50%White)
-70
-65
dB
Maximum output level 1
VOMAXC1
17
19
12
14
Output level (Trough output) whose
linearity exceeds 1%
VIN = Linearity (lamp) signal
Output level at linearity 1%
2.8
3.0
Vp-p
Maximum output level 2
VOMAXC2
38
40
12
14
Output level (ENC output) whose linearity
exceeds 1%
VIN = Linearity (lamp) signal
Output level at linearity 1%
2.6
2.7
Vp-p
Video INPUT SW part
Output voltage 1
VDCI1
17, 19, 21
35
Composite (Sync-Tip)
0.8
1.0
1.2
V
Output voltage 2
VDCI2
17, 19, 21
35
Y (Sync-Tip)
0.8
1.0
1.2
V
Output voltage 3
VDCI3
3
33
Chroma (Center)
1.8
2.1
2.4
V
Voltage gain 1
VGI1
17, 19, 21
3
33
35
VIN = 1Vp-p, f = 100kHz, load = 10kΩ
-0.5
0.0
+0.5
dB
Frequency characteristics
VFI
17, 19, 21
3
33
35
VIN = 1Vp-p, f = 10MHz/100kHz
-1.0
0.0
+1.0
dB
DG Differential Gain
DGSW
17, 19, 21
35
VIN = Video :1Vp-p
-1
0
+1
%
DP Differential Phase
DPSW
17, 19, 21
35
VIN = Video :1Vp-p
-1.5
0
+1.5
°C
Cross talk between channel
CTAD
17, 19, 21
3
33
35
Selected input = GND
Non-selected input = 1Vp-p, f = 4.43MHz
-60
-50
dB
Picture S/N
VSNC
17, 19, 21
35
VIN = Video (50%White)
-66
-60
dB
Maximum output level
VOMAXSW
17, 19, 21
35
Output level (ENC output) whose linearity
exceeds 1%
VIN = Linearity (lamp) signal
Output level at linearity 1%
1.8
2.0
Vp-p
Video Driver part
Output voltage 1
VDCD1
64, 46
1, 44
3, 42
6
8
10
RGB (Pedestal)
0.6
0.8
1.0
V
Output voltage 2
VDCD2
40
16
27
CVBS (Sync tip)
Y (Sync tip)
0.5
0.7
0.9
V
Output voltage 3
VDCD3
3
46
42
10
23
25
C, Pr, Pb (Center)
1.7
2.0
2.3
V
Output voltage 4
VDCD4
40
27
Y (Sync tip)
0.8
1.0
1.2
V
Voltage gain 1
VGD1
64, 46
1, 44
3, 42
40, 38
6, 23
8, 27
10, 25
12, 14, 16
For VIN = 1Vp-p and f = 100kHz Line
output only: 2 drives, Other outputs: 1drive
5.5
6.0
6.5
dB
Continued on next page.


Similar Part No. - LV7109E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV7109E ONSEMI-LV7109E Datasheet
307Kb / 24P
   AC Switch Europe SCART Standard
July, 2013
More results

Similar Description - LV7109E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1992 ONSEMI-ENA1992 Datasheet
307Kb / 24P
   AC Switch Europe SCART Standard
July, 2013
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU_V01 Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
Asahi Kasei Microsystem...
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU Datasheet
136Kb / 2P
   AC CORD, EUROPE
logo
CUI Devices
AC-C7-EU CUID-AC-C7-EU Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
Teridian Semiconductor ...
5002R TERIDIAN-5002R Datasheet
425Kb / 30P
   Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com