Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8414CS Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8414CS
Description  Microstep Driver Motor Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8414CS Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8414CS Datasheet HTML 2Page - Sanyo Semicon Device LV8414CS Datasheet HTML 3Page - Sanyo Semicon Device LV8414CS Datasheet HTML 4Page - Sanyo Semicon Device LV8414CS Datasheet HTML 5Page - Sanyo Semicon Device LV8414CS Datasheet HTML 6Page - Sanyo Semicon Device LV8414CS Datasheet HTML 7Page - Sanyo Semicon Device LV8414CS Datasheet HTML 8Page - Sanyo Semicon Device LV8414CS Datasheet HTML 9Page - Sanyo Semicon Device LV8414CS Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LV8414CS
No.A1868-10/36
Serial data truth table
Register Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Setting mode
Set contents
*
*
*
*
0
0
0
0
0.200V
*
*
*
*
0
0
0
1
0.190V
*
*
*
*
0
0
1
0
0.180V
*
*
*
*
0
0
1
1
0.170V
*
*
*
*
0
1
0
0
0.160V
*
*
*
*
0
1
0
1
0.150V
*
*
*
*
0
1
1
0
0.140V
*
*
*
*
0
1
1
1
0.130V
*
*
*
*
1
0
0
0
0.120V
*
*
*
*
1
0
0
1
0.110V
*
*
*
*
1
0
1
0
0.100V
*
*
*
*
1
0
1
1
0.090V
*
*
*
*
1
1
0
0
0.080V
*
*
*
*
1
1
0
1
0.070V
*
*
*
*
1
1
1
0
0.060V
*
*
*
*
111
1
1/2ch
Current reference voltage
setting
0.050V
*
*
*
0
*
*
*
*
CW (forward rotation)
*
*
*
1
*
*
*
*
1/2ch
Excitation Direction
CCW (reverse rotation)
*
*
0
****
*
Clear
*
*
1
****
*
1/2ch
Step/Hold
Hold
*
0
*****
*
Reset
*
1
*****
*
1/2ch
Counter Reset
Clear
0
*
*****
*
Output OFF
0
0
0
0
0
0
0
0
1
*
*****
*
1/2ch
Output Enable
Output ON
*
*
*
*
0
0
0
0
0.200V
*
*
*
*
0
0
0
1
0.190V
*
*
*
*
0
0
1
0
0.180V
*
*
*
*
0
0
1
1
0.170V
*
*
*
*
0
1
0
0
0.160V
*
*
*
*
0
1
0
1
0.150V
*
*
*
*
0
1
1
0
0.140V
*
*
*
*
0
1
1
1
0.130V
*
*
*
*
1
0
0
0
0.120V
*
*
*
*
1
0
0
1
0.110V
*
*
*
*
1
0
1
0
0.100V
*
*
*
*
1
0
1
1
0.090V
*
*
*
*
1
1
0
0
0.080V
*
*
*
*
1
1
0
1
0.070V
*
*
*
*
1
1
1
0
0.060V
*
*
*
*
1
1
1
1
3/4ch
Current reference voltage
setting
0.050V
*
*
*
0
*
*
*
*
CW (forward rotation)
*
*
*
1
*
*
*
*
3/4ch
Excitation Direction
CCW (reverse rotation)
*
*
0
****
*
Clear
*
*
1
****
*
3/4ch
Step/Hold
Hold
*
0
*****
*
Reset
*
1
*****
*
3/4ch
Counter Reset
Clear
0
*
*****
*
Output OFF
0
0
0
0
0
0
0
1
1
*
*****
*
3/4ch
Output Enable
Output ON
Continued on next page.


Similar Part No. - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
LV8414CS-N-TE-L-H ONSEMI-LV8414CS-N-TE-L-H Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
More results

Similar Description - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com