Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD679A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD679A
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD679A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD679A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD679A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD679A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD675A/677A/679A/681
DESCRIPTION
・With TO-126 package
・Complement to type BD676A/678A/680A/682
・DARLINGTON
APPLICATIONS
・For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD675A
45
BD677A
60
BD679A
80
VCBO
Collector-base voltage
BD681
Open emitter
100
V
BD675A
45
BD677A
60
BD679A
80
VCEO
Collector-emitter voltage
BD681
Open base
100
V
VEBO
Emitter -base voltage
Open collector
5
V
IC
Collector current
4
A
ICM
Collector current-Peak
6
A
IB
Base current
0.1
A
PC
Collector power dissipation
TC=25℃
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Similar Part No. - BD679A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD679A MOTOROLA-BD679A Datasheet
112Kb / 4P
   Plastic Medium-Power Silicon NPN Darlingtons
logo
Fairchild Semiconductor
BD679A FAIRCHILD-BD679A Datasheet
44Kb / 4P
   Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD679A STMICROELECTRONICS-BD679A Datasheet
87Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BD679A STMICROELECTRONICS-BD679A Datasheet
382Kb / 12P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
BD679A FAIRCHILD-BD679A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
More results

Similar Description - BD679A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com