Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8760T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8760T
Description  Forward/Reverse H-bridge Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8760T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8760T_11 Datasheet HTML 3Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 4Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 5Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 6Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 7Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 8Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 9Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 10Page - Sanyo Semicon Device LV8760T_11 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LV8760T
PS No.A1157-10/11
Application Circuit Example
(When you use the current limit function)
Setting the current limit value
When VCC = 5V,
Vref = 1.5V
Ilimit = Vref/5/RNF
= 1.5V/5/0.22
Ω = 1.36A
Setting the current limit regeneration time and short-circuit detection time
Tscp
≈ C × V/I
= 100pF
× 1V/5μA
= 20
μs
1
PGND
2
OUTB
3
OUTB
4
RNF
5
RNF
6VM
7VM
8
OUTA
9
OUTA
10 PS
20
VCC
19
SCP
18
VREF
17
IN2
16
IN1
15
REG5
14
CP1
13
CP2
12
VG
11
GND
0.22
Ω
35k
Ω
M
15k
Ω
100pF
+-
-+
10
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
Control input
Control input


Similar Part No. - LV8760T_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
More results

Similar Description - LV8760T_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8762T SANYO-LV8762T Datasheet
288Kb / 13P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V_10 Datasheet
292Kb / 13P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
logo
Toshiba Semiconductor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com