Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8762T Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV8762T
Description  Forward/Reverse H-bridge Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8762T Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV8762T Datasheet HTML 1Page - Sanyo Semicon Device LV8762T Datasheet HTML 2Page - Sanyo Semicon Device LV8762T Datasheet HTML 3Page - Sanyo Semicon Device LV8762T Datasheet HTML 4Page - Sanyo Semicon Device LV8762T Datasheet HTML 5Page - Sanyo Semicon Device LV8762T Datasheet HTML 6Page - Sanyo Semicon Device LV8762T Datasheet HTML 7Page - Sanyo Semicon Device LV8762T Datasheet HTML 8Page - Sanyo Semicon Device LV8762T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LV8762T
No.A1926-4/13
Substrate Specifications
(Substrate recommended for operation of LV8762T)
Size
: 57mm × 57mm × 1.6mm (two-layer substrate)
Material
: Glass epoxy both-type board
L1 : Copper wiring pattern diagram
L2 : Copper wiring pattern diagram
Cautions
1) For the set design, employ the derating design with sufficient margin.
Stresses to be derated include the voltage, current, junction temperature, power loss, and mechanical stresses such as
vibration, impact, and tension.
Accordingly, the design must ensure these stresses to be as low or small as possible.
The guideline for ordinary derating is shown below :
(1)Maximum value 80% or less for the voltage rating
(2)Maximum value 80% or less for the current rating
(3)Maximum value 80% or less for the temperature rating
2) After the set design, be sure to verify the design with the actual product.
Confirm the solder joint state and verify also the reliability of solder joint for the Exposed Die-Pad, etc.
Any void or deterioration, if observed in the solder joint of these parts, causes deteriorated thermal conduction,
possibly resulting in thermal destruction of IC.
Pd max - Ta
0
1.0
1.5
0.5
2.0
1.40
0.73
20
40
60
80
20
0
100
Ambient temperature, Ta -
C


Similar Part No. - LV8762T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
   1-Channel H-Bridge Driver Evaluation Board
More results

Similar Description - LV8762T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V_10 Datasheet
292Kb / 13P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
logo
Toshiba Semiconductor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com